Electronic Components Datasheet Search
  English  ▼

X  

100D0896 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100D0896
Description  Phase Shifter 6 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100D0896 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100D0896 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
100D0896
FEATURES
• 30-300 MHz
• 5.625° LSB, 354.375° Range
• TTL Driver
• SMA, BNC, or TNC Connectors
Phase Shifter 6 Section
6 BIT
D AICO Industr ies
263
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - 100D0896

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0898 DAICO-100D0898 Datasheet
163Kb / 1P
Phase Shifter 8 Section
100D0898-60MHZ-BNC DAICO-100D0898-60MHZ-BNC Datasheet
163Kb / 1P
Phase Shifter 8 Section
100D0898-60MHZ-SMA DAICO-100D0898-60MHZ-SMA Datasheet
163Kb / 1P
Phase Shifter 8 Section
100D0898-60MHZ-TNC DAICO-100D0898-60MHZ-TNC Datasheet
163Kb / 1P
Phase Shifter 8 Section
More results

Similar Description - 100D0896

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0921 DAICO-DP0921 Datasheet
30Kb / 1P
Phase Shifter 6 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
CPS62036 DAICO-CPS62036 Datasheet
173Kb / 1P
Phase Shifter 6 Section
DPS38017 DAICO-DPS38017 Datasheet
25Kb / 1P
3 Section Phase Shifter
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS89032 DAICO-DPS89032 Datasheet
167Kb / 1P
Phase Shifter 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com