Electronic Components Datasheet Search
  English  ▼

X  

100D0988 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100D0988
Description  2 Port Antenna Selector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100D0988 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100D0988 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
100D0988
FEATURES
Connects R/T to 2 Antennas (Upper or Lower)
Auto Mode Cycles Between Upper and Lower Antenna
Key Function with Memory Automatically Selects the
Antenna on Which the Last Signal was Received
Failsafe Mode Connects R/T to Lower Antenna
in the Event of a Power Loss
BIT Port for Functionality Test in Aircraft
HDI
DA ICO
I ndustries
Rev. N/D / Iss. 1
2 Port Antenna Selector
UPPER
ANT
LOWER
ANT
R/T
J4
LOGIC
J1
J2
J3
4.50
1.50
1.75
5.00
0.13
IDENTIFICATION
PART
2.00
5.50
.250
TPI
.38
.25
.50
J1
WIRE LOCK
1.06
.209 DIA THRU
(4 PLACES)
J3
J2
J4
.38
1.75
3.75
.38 MIN DIA.
(4 PLACES)
TEST
POINT
JACK
1.11
0.09
±.02
CONNECTOR, 13 PIN
MS27478Y-10D-13P
.59
KEYWAY
(REF)
TP1 (FARSIDE)
CONNECTOR,
TNC FEMALE
3 PLACES
J4
J2
.72
.41
1.25
MAX
J3
.xx = .02
.xxx = .010
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
400
MHz
DC Current
150
mA
At +28 VDC Supply
Isolation
40
dB
Insertion Loss
0.5
dB
VSWR
1.25/1
Impedance
50
OHMS
Switching Speed
5
mSec
RF Power
Operate
100
W
Average
500
W
Peak
Operating Temperature
-54
+25
+71
°C
Intermittent @ +95
°C
Weight
9
OZ
GUARANTEED PERFORMANCE


Similar Part No. - 100D0988

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0688 DAICO-100D0688 Datasheet
24Kb / 1P
3 Port Antenna Selector
100D0712 DAICO-100D0712 Datasheet
39Kb / 1P
Attenuator 7 Section
100D0896 DAICO-100D0896 Datasheet
158Kb / 1P
Phase Shifter 6 Section
100D0896-60MHZ-BNC DAICO-100D0896-60MHZ-BNC Datasheet
158Kb / 1P
Phase Shifter 6 Section
100D0896-60MHZ-SMA DAICO-100D0896-60MHZ-SMA Datasheet
158Kb / 1P
Phase Shifter 6 Section
More results

Similar Description - 100D0988

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0688 DAICO-100D0688 Datasheet
24Kb / 1P
3 Port Antenna Selector
100D1313 DAICO-100D1313 Datasheet
31Kb / 1P
4 Port Antenna Selector
100D1788 DAICO-100D1788 Datasheet
30Kb / 1P
4 Port Antenna Selector
DSWX9078 DAICO-DSWX9078 Datasheet
30Kb / 1P
Antenna Selector 4-Port
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
Switch Selector UHF Antenna
CSWX9290 DAICO-CSWX9290 Datasheet
39Kb / 1P
High Power Antenna Selector
logo
Exar Corporation
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
SERIAL ATA II: PORT SELECTOR
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
logo
MRV Communications, Inc...
EM316-OSW8 MRV-EM316-OSW8 Datasheet
131Kb / 2P
Optical 8-Port Selector Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com