Electronic Components Datasheet Search
  English  ▼

X  

100D1313 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100D1313
Description  4 Port Antenna Selector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100D1313 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100D1313 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
100D1313
FEATURES
ADF Overide with Key Interlock Prevents
Transmission into the ADF Port
BIT Port For Functionality Test in Aircraft
Auto Mode Cycles R/T-1 and the D/L Receiver
Between Upper and Lower Antennas
Matrix Configuration Connects 3 R/T to 4 Antennas
Failsafe Mode Connects R/T-1 to Lower, R/T-2 to Forward
and D/L to Upper Antenna in the Event of a Power Loss
Key Function with Memory Automatically Selects the
Antenna on which the Last Signal was Received
HDI
DA ICO
I ndustries
Rev. L / Iss. 1
J6
J5
J3
J2
J7
J4
J8
D/L
RCVR
LOGIC
R/T-1
R/T-2
LOWER
ANT
UPPER
ANT
ADF
ANT
FORWARD
LOWER ANT
J1
2.00
3.00
MAX
.196 DIA THRU
4 HOLES
4.00
TP1 CONNECTOR,SMA
FEMALE (WITH CHAIN-HELD
DUST COVER)
1.44
TP1
J1
J5
J2
J6
J3
J7
J4
J8
.50
4.85
5.25
.56
1.98
2.85
3.85
.48 TYP
MOUNTING
SURFACES
.38
1.00
1.63
3.50 (REF)
.50
1.19
.63
.19
.47
1.40
2.625
.xx = .02
.xxx = .010
.73
2.71
PART IDENTIFICATION
& SER NO.
ON FARSIDE
.25 R
TYP
J1
MS27466-T13-B-35P
J2 THRU J8
TNC FEMALE PER
MIL-C-39012
.09
.77
1.21
.75
2.00
MAX
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
400
MHz
DC Current
500
mA
At +28 VDC Supply
Insertion Loss
0.5
dB
Isolation
All Ports
40
dB
RT1 to RT2
80
dB
VSWR
1.25/1
Impedance
50
OHMS
Switching Speed
5
mSec
RF Power
Operate
20
W
Average
80
W
Peak
Operating Temperature
-54
+25
+71
°C
Intermittent @ +95
°C
Weight
18.2
Oz
GUARANTEED PERFORMANCE
4 Port Antenna Selector


Similar Part No. - 100D1313

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
100D125 COOPER-100D125 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
100D125 COOPER-100D125 Datasheet
366Kb / 12P
D and DO fuse links and bases
100D125Q COOPER-100D125Q Datasheet
366Kb / 12P
D and DO fuse links and bases
100D125R COOPER-100D125R Datasheet
366Kb / 12P
D and DO fuse links and bases
logo
DAICO Industries, Inc.
100D1788 DAICO-100D1788 Datasheet
30Kb / 1P
4 Port Antenna Selector
More results

Similar Description - 100D1313

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0688 DAICO-100D0688 Datasheet
24Kb / 1P
3 Port Antenna Selector
100D0988 DAICO-100D0988 Datasheet
23Kb / 1P
2 Port Antenna Selector
100D1788 DAICO-100D1788 Datasheet
30Kb / 1P
4 Port Antenna Selector
DSWX9078 DAICO-DSWX9078 Datasheet
30Kb / 1P
Antenna Selector 4-Port
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
Switch Selector UHF Antenna
CSWX9290 DAICO-CSWX9290 Datasheet
39Kb / 1P
High Power Antenna Selector
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
logo
Laird Tech Smart Techno...
VLQ69273X21G LSTD-VLQ69273X21G Datasheet
591Kb / 2P
Vehicular 4-Port MIMO Antenna
VLQ69273X22N LSTD-VLQ69273X22N Datasheet
588Kb / 1P
Vehicular 4-Port MIMO Antenna
VLQ24593XN4N LSTD-VLQ24593XN4N Datasheet
1Mb / 2P
Vehicular 4-Port MIMO Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com