Electronic Components Datasheet Search
  English  ▼

X  

CAMG9127 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAMG9127
Description  Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAMG9127 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAMG9127 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
MODEL NUMBER
CAMG9127
FEATURES
• 1.75-1.808 GHz
• 28 dB Gain
• 25 W Power Output
• CW Power Output Compatible
• SMA Connectors
AMP
30
Power Amplifier
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - CAMG9127

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMG6201 DAICO-CAMG6201 Datasheet
32Kb / 1P
RF Solid State Amplifier
More results

Similar Description - CAMG9127

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
POWER AMPLIFIER
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
Power Amplifier
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
Amplifier, Power
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
Power Amplifier
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com