Electronic Components Datasheet Search
  English  ▼

X  

CEP-2242 Datasheet(PDF) 1 Page - CUI INC

Part # CEP-2242
Description  PIEZO AUDIO INDICATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-2242 Datasheet(HTML) 1 Page - CUI INC

  CEP-2242 Datasheet HTML 1Page - CUI INC CEP-2242 Datasheet HTML 2Page - CUI INC CEP-2242 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/02/2021
page 1 of 3
MODEL: CEP-2242
│ DESCRIPTION: PIEZO AUDIO INDICATOR
cuidevices.com
FEATURES
• driving circuit included
• rated frequency (Hz) of 4,100
• SPL 77 dB
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
12
Vdc
operating voltage
4
16
Vdc
current consumption
at rated voltage
15
mA
sound pressure level
at 30 cm / 12 Vdc
77
dB
resonant frequency
3.6
4.1
4.6
kHz
tone
continuous
dimensions
Ø13.9 x H7.5
mm
weight
1.0
g
material
NORYL (black)
terminal
pin type (Au plating)
operating temperature
-20
70
°C
storage temperature
-30
80
°C
hand soldering1
for maximum 2 seconds
330
380
°C
RoHS
yes
Note:
1. Not recommended for wave soldering
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CEP-2242

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CEP-2242 FREESCALE-CEP-2242 Datasheet
59Kb / 1P
Piezo Audio Indicator
logo
CUI INC
CEP-2242 CUI-CEP-2242 Datasheet
303Kb / 4P
piezo audio indicator
logo
CUI Devices
CEP-2242 CUID-CEP-2242 Datasheet
277Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
More results

Similar Description - CEP-2242

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CEP-2242 FREESCALE-CEP-2242 Datasheet
59Kb / 1P
Piezo Audio Indicator
logo
CUI INC
CEP-1136 CUI-CEP-1136 Datasheet
671Kb / 4P
piezo audio indicator
CEP-2202A CUI-CEP-2202A Datasheet
246Kb / 5P
piezo audio indicator
CEP-2242 CUI-CEP-2242 Datasheet
303Kb / 4P
piezo audio indicator
CEP-2260A CUI-CEP-2260A Datasheet
263Kb / 4P
piezo audio indicator
CEP-2272A CUI-CEP-2272A Datasheet
265Kb / 4P
piezo audio indicator
CPE-244 CUI-CPE-244 Datasheet
87Kb / 5P
piezo audio indicator
logo
List of Unclassifed Man...
KPEG267 ETC2-KPEG267 Datasheet
124Kb / 5P
PIEZO AUDIO INDICATOR
KPEG-204A ETC2-KPEG-204A Datasheet
105Kb / 5P
Piezo Audio Indicator
KPEG-272 ETC2-KPEG-272 Datasheet
124Kb / 5P
Piezo Audio Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com