Electronic Components Datasheet Search
  English  ▼

X  

CEP-2280 Datasheet(PDF) 1 Page - CUI INC

Part # CEP-2280
Description  PIEZO BUZZER INDICATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-2280 Datasheet(HTML) 1 Page - CUI INC

  CEP-2280 Datasheet HTML 1Page - CUI INC CEP-2280 Datasheet HTML 2Page - CUI INC CEP-2280 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 04/23/2020
page 1 of 3
MODEL: CEP-2280
│ DESCRIPTION: PIEZO BUZZER INDICATOR
cuidevices.com
FEATURES
• wire leads with panel-mount tabs
• 12 Vdc rating
• modulating tones
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
12
Vdc
operating voltage
6
18
Vdc
current consumption
at rated voltage
17
mA
rated frequency
2,500
3,800
Hz
sound pressure level
at 30 cm, rated voltage
88
dB
tone
modulating tones
dimensions
Ø32.0 x 23.0
mm
weight
13.20
g
material
ABS UL94 1/16” HB (black)
terminal
wire leads
operating temperature
-20
60
°C
storage temperature
-30
70
°C
RoHS
yes
Notes:
1.Allspecificationsmeasuredat5~35°C,humidityat45~85%,under86~106kPapressure,unlessotherwisenoted.
Additional Resources: Product Page | 3D Model


Similar Part No. - CEP-2280

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-2280 CUI-CEP-2280 Datasheet
269Kb / 4P
piezo audio indicator
logo
CUI Devices
CEP-2280 CUID-CEP-2280 Datasheet
474Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
More results

Similar Description - CEP-2280

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPI-2825-85PM CUI-CPI-2825-85PM Datasheet
294Kb / 4P
PIEZO BUZZER INDICATOR
CPI-4116-90PM CUI-CPI-4116-90PM Datasheet
284Kb / 4P
PIEZO BUZZER INDICATOR
CPI-5029-105T CUI-CPI-5029-105T Datasheet
292Kb / 4P
PIEZO BUZZER INDICATOR
CEP-2250 CUI-CEP-2250_V01 Datasheet
456Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPE-351 CUI-CPE-351_V01 Datasheet
333Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPE-353 CUI-CPE-353_V01 Datasheet
345Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPI-4116-81PM CUI-CPI-4116-81PM Datasheet
315Kb / 4P
PIEZO BUZZER INDICATOR
01/02/2020
CPE-244 CUI-CPE-244_V01 Datasheet
399Kb / 3P
PIEZO BUZZER INDICATOR
12/16/2019
CEP-2260A CUI-CEP-2260A_V01 Datasheet
378Kb / 3P
PIEZO BUZZER INDICATOR
11/13/2019
CPI-2316-85T CUI-CPI-2316-85T_V01 Datasheet
322Kb / 4P
PIEZO BUZZER INDICATOR
12/19/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com