Electronic Components Datasheet Search
  English  ▼

X  

CAMH9126 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAMH9126
Description  L-Band Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAMH9126 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAMH9126 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
MODEL NUMBER
CAMH9126
FEATURES
• L-Band Op. Freq.
• 52 dB Gain
• 61 dBm Pout
• 45% Efficiency
L-Band Power Amplifier
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1215
1400
MHz
Gain
50
52
dB
Peak Power Output
60
61
63
dBm
PRF 3.57 KHz PW = 15
µSec
RF Power In:
Operate
+7
+10
+18
dBm
No Damage
+20
VSWR
In
1.4:1
1.5:1
Out
1.4:1
1.5:1
Pulse Delay On
200
435
600
nSec
Puse Delay Off
200
400
600
nSec
Harmonics
II
30
35
dBc
III
30
38
dBc
Impedance
50
OHMS
Transition (Rise/Fall) Time
80
120
500
µSec
DC Current
5.3
7.5
AMP
At +41.5 VDC
0.45
0.7
AMP
At +15 VDC
Operating Temperature
-46
+25
+52
°CTA
J1 Connector
A GND (SHLD)
J N/C
T N/C
B MODIN +
K N/C
U +41.5VRT
C MODIN -
L N/C
V +41.5VRT
D N/C
M GND(SHLD)
W +41.5VRT
E PABIT +
N N/C
X +41.5V
F PABIT -
P
±15VRT
Y +41.5V
G PAOT +
R
±15VRT
Z +41.5V
H PAOT -
S +15V
GUARANTEED PERFORMANCE
DO NOT ALTER, CUT, OR GRIND
CONTAINS BERYLLIUM OXIDE
CAUTION BeO
RF IN
J2
RF OUT
J3
A,M
B
C
E
F
G
H
J1
CONNECTOR
D,J,K
L,N,T
P,R U,V,W S
X,Y,Z
.75
10.38
AA
10.50
MAX
.12
TOP
SIDE
MADE IN U.S.A.
J3
J1
J2
A3
RF OUT
RF IN
HIGH POWER AMPLIFIER
DAICO INDUSTRIES, INC.
CAMH9126
SN
DC
+15V
+41.5V
10.00
2.00
10.880
.60
2.40
6.40
.44
2.88
2x .50
2x 1.000
2x .65 .75
FRONT
Power Amplifier
3x
1.125
1.000
1.000
4.000
7.000
8.000
2x .650
.086-56 UNC-2B
3 PLS.
.250-.252 x .38 SLOT
.40 MIN DEEP INCLUDING
SUPPORT FLANGE.
.250-.252 DIA. x.40 MIN DEEP
INCLUDING SUPPORT FLANGE
VIEW A-A
SENSOR/LOGIC
N/C = NO CONNECT
AMP
D AICO Industr ies
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - CAMH9126

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMH9120 DAICO-CAMH9120 Datasheet
155Kb / 1P
UHF High Power Amplifier
More results

Similar Description - CAMH9126

ManufacturerPart #DatasheetDescription
logo
NEC
UPG173TA NEC-UPG173TA Datasheet
86Kb / 8P
L-BAND PA DRIVER AMPLIFIER
UPG174TA NEC-UPG174TA Datasheet
66Kb / 6P
L-BAND PA DRIVER AMPLIFIER
UPG175TA NEC-UPG175TA Datasheet
62Kb / 8P
L-Band PA DRIVER AMPLIFIER
UPG2106TB NEC-UPG2106TB Datasheet
87Kb / 12P
L-BAND PA DRIVER AMPLIFIER
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
L-Band Pre-Amplifier
CAML9210 DAICO-CAML9210 Datasheet
107Kb / 1P
L-Band Low Noise Amplifier
logo
OKI electronic componet...
KGF2512 OKI-KGF2512 Datasheet
75Kb / 6P
Midium Power Amplifier for L-band
logo
California Eastern Labs
UPG2106TB CEL-UPG2106TB Datasheet
155Kb / 3P
L-BAND PA DRIVER AMPLIFIER
logo
United Monolithic Semic...
CHA3801-99F UMS-CHA3801-99F_15 Datasheet
315Kb / 10P
L-Band Low Noise Amplifier
CHA3801-QDG UMS-CHA3801-QDG_15 Datasheet
550Kb / 12P
L-Band Low Noise Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com