Electronic Components Datasheet Search
  English  ▼

X  

MA3G751 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3G751
Description  Silicon epitaxial planar type (cathode common)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3G751 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3G751 Datasheet HTML 1Page - Panasonic Semiconductor MA3G751 Datasheet HTML 2Page - Panasonic Semiconductor MA3G751 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MA3G751, MA3G751A
SKH00051AED
IF  VF
IR  VR
PD(AV)  IF(AV)
IF(AV)  TC
0.01
0
0.2
0.4
0.6
1.0
0.8
1.2
0.1
1
10
100
Forward voltage V
F (V)
Ta
= 125°C
100
°C
25
°C
1
0
1020304050
60
106
105
104
103
102
10
Reverse voltage V
R (V)
Ta
= 150°C
100
°C
125
°C
25
°C
0
30
25
20
15
10
5
0
4
8
121620
24
Average forward current I
F(AV) (A)
t0 / t1
= 1/6
1/3
1/2
DC
t1
t0
0
4
8
12
16
20
24
28
32
20
40
60
80
100
120
140
Case temperature T
C (°C)
t0 / t1
= 1/2
1/3
t1
t0
1/6
DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com