Electronic Components Datasheet Search
  English  ▼

X  

CAT65067 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAT65067
Description  GaAs 6 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAT65067 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAT65067 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.100 TYP
(FLANGE)
(LEAD)
.053 R
TYP
112
13
24
COLOR BEAD
CONTRASTING
PART IDENTIFICATION
.20
.015
.010
±.002
TYP
.015
±.002 TYP
.040
TYP
.60 TYP
.375 TYP
.77
1.100
.100 TYP
1.36
1.560
.xx = .02
.xxx = .010
••
••
••
••
••
••
•
•
•
•
•
•
••
•
••
••
•
•
•
••
16dB
+5V
GND
32dB
1dB
2dB
4dB
8dB
GND
GND GND GND
OUT/IN
RF
RF
IN/OUT GND GND GND GND GND GND GND GND GND GND
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
16 dB
32 dB
1 dB
2 dB
4 dB
8 dB
TYPICAL PERFORMANCE
at 25
°C
400
40
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0
2
4
6
8
10
12
3000
1000
100
10
4
1
FREQUENCY (MHz)
I. LOSS
VSWR
Parameter
Min Typ Max Units
Conditions
Operating Frequency
10
500
MHz
DC Current
0.02
5
mA
At +5 VDC Supply
Control Type
CMOS
6 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
1
±20 µA3 - 5 Volts
Low
1
±20 µA0 - 0.5 Volts
Insertion Loss
56
dB
Attenuation
LSB
1dB
Range
0
63
dB
1, 2, 4, 8, 16, 32
Accuracy
dB
± (0.25 dB + 2% of Atten
Setting in dB)
Flatness
±0.2 dB
VSWR
1.2/1
1.4/1
Impedance
50
OHMS
Switching Speed
34
50
nSec
50% Control Signal
90% / 10% RF
Transition (Rise/Fall) Time
15
nSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
280
mV
Peak Value
Intercept Points
2nd
+54
+66
dBm
70 / 50 MHz Inputs
3rd
+34
+44
dBm
35 / 50 MHz Inputs
RF Power
Operate
+12
+10
dBm
0.1 dB Compression
No Damage
+23
dBm
Operating Temperature
0
+25
+65
°CTA
Non-Operating Temperature -34
+95
°CTA
GUARANTEED PERFORMANCE
MODEL NO.
CAT15067
GaAs 6 Section Attenuator
FEATURES
10 - 500 MHz
SPACE Application
Hermetic Package
Radiation Tolerant, 100 K Rad
Surface Mount
6 BIT
DA ICO
I ndustries
Rev. - / Iss. 1


Similar Part No. - CAT65067

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
3.0 A Power Selector Switch
November, 2015 ??Rev. 2
More results

Similar Description - CAT65067

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT15066 DAICO-CAT15066 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65280 DAICO-CAT65280 Datasheet
57Kb / 1P
GaAs 6 Section Attenuator
DA0786 DAICO-DA0786 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0886 DAICO-DA0886 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
DA0923-10 DAICO-DA0923-10 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
DA0996 DAICO-DA0996 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
DAT61996 DAICO-DAT61996 Datasheet
171Kb / 1P
GaAs 6 Section Attenuator
DAT69051 DAICO-DAT69051 Datasheet
35Kb / 1P
GaAs 6 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com