Electronic Components Datasheet Search
  English  ▼

X  

CAT65280 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAT65280
Description  GaAs 6 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAT65280 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAT65280 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ Max Units
Conditions
Rad-Hardness
150
KRAD(Si)
Operating Frequency
400
600 MHz
DC Current
0.7
2.0 mA
At +5 VDC, +7 DC Supply
Control Type
CMOS
6 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
0.1
±5 µA
3 - 5 Volts
Low
0.1
±5 µA
0 - 0.5 Volts
Insertion Loss
3.5
dB
Attenuation
LSB
0.5
dB
Range
0
31.5 dB
0.5, 1, 2, 4, 8, 16
Accuracy
dB
± (0.15 dB + 3% of Atten. Setting in dB)
± (0.35 dB + 3% of Atten. Setting in dB)
for 0 dB to 15.5 dB Attenuation
± (0.15 dB + 1.5% of Atten. Setting in dB)
± (0.35 dB + 1.5% of Atten. Setting in dB)
for 16 dB to 31.5 dB Attenuation
Monotonicity
Guaranteed
VSWR
1.26/1
1.6/1
Impedance
50
OHMS
Switching Speed
16
30 nSec
50% Control Signal
90% / 10% RF
Transition (Rise/Fall) Time
12
nSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
84
mV
Peak Value
Intercept Points
2nd
+53
+68
dBm
3rd
+33
+45
dBm
RF Power
Operate
+13 dBm
1 dB Compression
No Damage
+23 dBm
Operating Temperature
-55
+25
+85 °CTA
Non-Operating Temperature
-34
+25
+125 °CTA
.xx = .02
.xxx = .010
CONTRASTING
COLOR BEAD
PART IDENTIFICATION
1.060
.100
TYP
.30
TYP
.20
.100
TYP
.053 R
TYP
.010±.002
TYP
(LEAD)
.040
TYP
.86
.47
.015±.002
TYP
.600
.015 TYP
(FLANGE)
1
14
8
7
•
•••
••
••
••
••
••
••
C1
C2
C4
C8
+5V
RF2
RF1
"0"
"0"
"0"
"0"
GND
1
23456
7
8
9
10
11
12
13
14
GND
GND
GND
GND
"1"
CR5
.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
C16
"0"
.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
MODEL NO.
CAT65280
GaAs 6 Section Attenuator
FEATURES
40 0 - 600 MHz
Space Application
Hermetic Package
Radiation Tolerant, 150 K Rad
Surface Mount
6 BIT
D AICO
I ndustries
Rev. - / Iss. 2
GUARANTEED PERFORMANCE


Similar Part No. - CAT65280

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
3.0 A Power Selector Switch
November, 2015 ??Rev. 2
logo
DAICO Industries, Inc.
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
More results

Similar Description - CAT65280

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT15066 DAICO-CAT15066 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0786 DAICO-DA0786 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0886 DAICO-DA0886 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
DA0923-10 DAICO-DA0923-10 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
DA0996 DAICO-DA0996 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
DAT61996 DAICO-DAT61996 Datasheet
171Kb / 1P
GaAs 6 Section Attenuator
DAT69051 DAICO-DAT69051 Datasheet
35Kb / 1P
GaAs 6 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com