Electronic Components Datasheet Search
  English  ▼

X  

SC3S06506F Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SC3S06506F
Description  650V/6A Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06506F Datasheet(HTML) 2 Page - Rectron Semiconductor

  SC3S06506F Datasheet HTML 1Page - Rectron Semiconductor SC3S06506F Datasheet HTML 2Page - Rectron Semiconductor SC3S06506F Datasheet HTML 3Page - Rectron Semiconductor SC3S06506F Datasheet HTML 4Page - Rectron Semiconductor SC3S06506F Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
VF
Forward Voltage
1.4
1.75
1.65
2.3
V
IF = 6A, TJ = 25℃
IF = 6A, TJ = 175℃
Fig.1
IR
Reverse Current
1
5
20
100
µA
VR = 650V, TJ = 25℃
VR = 650V, TJ = 175℃
Fig.2
C
Total Capacitance
300
34
30
/
pF
VR = 0V, TJ = 25℃, f = 1MHz
VR = 200V, TJ = 25℃, f = 1MHz
VR = 400V, TJ = 25℃, f = 1MHz
Fig.5
QC
Total Capacitive Charge
18
/
nC
VR = 650V, IF = 6A
di/dt = 200A/µs, TJ = 25℃
Fig.4
Thermal Characteristics
Symbol
Parameter
Typ.
Unit
Note
RθJC
Thermal Resistance from Junction to Case
3.6
℃/W
Fig.6
RθJA
Thermal Resistance from Junction to Ambient
80
℃/W
Tsold
Soldering Temperature
260
℃
Typical Performance
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
VF (V)
VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com