Electronic Components Datasheet Search
  English  ▼

X  

SE2 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SE2
Description  SURFACE MOUNT SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 1.0 Ampere
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SE2 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SE2 Datasheet HTML 1Page - Rectron Semiconductor SE2 Datasheet HTML 2Page - Rectron Semiconductor SE2 Datasheet HTML 3Page - Rectron Semiconductor SE2 Datasheet HTML 4Page - Rectron Semiconductor SE2 Datasheet HTML 5Page - Rectron Semiconductor SE2 Datasheet HTML 6Page - Rectron Semiconductor SE2 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC =105OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
40
130
15
10
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R J A
Typical Thermal Resistance (Note 1)
30
R J L
IO
pF
Operating Temperature Range
TJ
SE1
50
-55 to + 150
0
C
SE3
SE4
150
200
35
50
SE2
100
70
100
150
200
SE5
300
210
300
SE6
SE1
SE3
SE4
SE2
SE5
SE6
400
400
280
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5
2
@TA = 25oC
@TA = 150oC
mA
UNITS
0.98
1.25
1.50
trr
Maximum Reverse Recovery Time (Note 4)
nSec
35
50
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "ROHS compliant"
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage
* High current capability
* High speed switching
* High surge capability
* High reliability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.018 gram
.035 (0.90)
.028 (0.70)
.077 (1.95)
.069 (1.75)
.114 (2.9)
.106 (2.7)
Current Squarad Time
I2t
A2Sec
6.6
SURFACE MOUNT
VOLTAGE RANGE 50 to 800 Volts CURRENT 1.0 Ampere
SE8
800
560
800
SE7
600
600
420
SE7
SE8
105
140
.150 (3.8)
.142 (3.6)
.053 (1.35)
.033(0.85)
.013 (0.35)
.008 (0.20)
-55 to + 150
SUPER FAST SILICON RECTIFIER
2021-10
REV:F
.039 (1.00)
SE8
THRU
SE1


Similar Part No. - SE2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SE2 RECTRON-SE2 Datasheet
343Kb / 5P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
logo
Turck, Inc.
SE20-84MT-RJ822 TURCK-SE20-84MT-RJ822 Datasheet
170Kb / 2P
Industrial Ethernet Managed Switch
2023-07-21
SE20-84X-RJ522 TURCK-SE20-84X-RJ522 Datasheet
176Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
SE20-84XT-RJ422-FO TURCK-SE20-84XT-RJ422-FO Datasheet
186Kb / 2P
Industrial Ethernet Unmanaged Switch
2023-07-21
SE20-84XT-RJ822 TURCK-SE20-84XT-RJ822 Datasheet
172Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
More results

Similar Description - SE2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR1A PANJIT-FR1A Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
RS1A PANJIT-RS1A Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
FR1A SURGE-FR1A Datasheet
77Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
RS1A SURGE-RS1A Datasheet
78Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere?
logo
Rectron Semiconductor
ESM101 RECTRON-ESM101 Datasheet
26Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
UFM101 RECTRON-UFM101 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM101 RECTRON-EFM101_06 Datasheet
559Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
SE1 RECTRON-SE1 Datasheet
343Kb / 5P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
SE1L RECTRON-SE1L Datasheet
441Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
SE1L RECTRON-SE1L_V01 Datasheet
217Kb / 7P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
2021-10 REV: D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com