Electronic Components Datasheet Search
  English  ▼

X  

SF7L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF7L
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF7L Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF7L Datasheet HTML 1Page - Rectron Semiconductor SF7L Datasheet HTML 2Page - Rectron Semiconductor SF7L Datasheet HTML 3Page - Rectron Semiconductor SF7L Datasheet HTML 4Page - Rectron Semiconductor SF7L Datasheet HTML 5Page - Rectron Semiconductor SF7L Datasheet HTML 6Page - Rectron Semiconductor SF7L Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SF1L
THRU
SF7L
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High currenf surge
* High reliability
MECHANICAL DATA
* Mounting position: Any
* Weight: 0.016 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 4)
ypical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ,TSTG
VRMS
SF4L
UNITS
Volts
Volts
Volts
Amps
280
400
400
1.0
30
32
15
15
-55 to + 150
Amps
pF
0C
0C/W
NOTES :
1. Reverse Re
4. Thermal Resistance : Mounted on PCB.
covery Test Conditions: IF = 0.5A, IR =-1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
at Rated DC Blocking Voltage TA =25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average,
.375” (9.5mm) lead length at TL =55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
SF4L
UNITS
1.3
2.0
100
150
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
3.“ROHS compliant”
SOD-123FL
SF7L
SF6L
SF5L
SF3L
SF2L
SF1L
1000
800
600
200
100
50
600
200
100
50
700
560
420
140
70
35
1000
800
SF1L
SF6L
SF5L
SF3L
SF2L
SF7L
250
500
R JA
R JL
I
2t
3.74
A
2S
Typical Current Squarad Time
2021-
REV:E
*
* P/N suffix V means Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:SF1LV
08
.152 (3.85)
.140 (3.55)
.068 (1.72)
.043 (1.10)
.046 (1.18)
.030 (0.75)
.059 (1.5)
.035 (0.9)
.034 (0.86)
.014 (0.35)
.045 (1.15)
.028 (0.70)
.039 (1.00)
.035 (0.90)
.077 (1.95)
.067 (1.70)
.008 (0.20)
.122 (3.10)
.106 (2.70)
.004 (0.10)


Similar Part No. - SF7L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF7 RECTRON-SF7 Datasheet
372Kb / 6P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Japan Aviation Electron...
SF70 JAE-SF70 Datasheet
759Kb / 6P
nanoSIM Card Connector
logo
NEC
SF70E NEC-SF70E Datasheet
92Kb / 12P
ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
logo
Japan Aviation Electron...
SF70S006VBA JAE-SF70S006VBA Datasheet
759Kb / 6P
nanoSIM Card Connector
SF70S006VBAR2000 JAE-SF70S006VBAR2000 Datasheet
150Kb / 3P
nano SIM Card connector, 6 pos., 1.25mm height, Push-eject tray type
More results

Similar Description - SF7L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
RS1A SURGE-RS1A Datasheet
78Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere?
logo
List of Unclassifed Man...
GS1A ETC-GS1A Datasheet
51Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
logo
Rectron Semiconductor
FM4933W RECTRON-FM4933W Datasheet
34Kb / 3P
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4933GPT CHENMKO-1N4933GPT Datasheet
95Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
SF1 RECTRON-SF1 Datasheet
423Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF1 RECTRON-SF1_10 Datasheet
368Kb / 7P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SM2000 RECTRON-SM2000 Datasheet
269Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
FR101WS RECTRON-FR101WS Datasheet
115Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
SF1 RECTRON-SF1_V01 Datasheet
372Kb / 6P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com