Electronic Components Datasheet Search
  English  ▼

X  

SF64 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SF64
Description  GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF64 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SF64 Datasheet HTML 1Page - Rectron Semiconductor SF64 Datasheet HTML 2Page - Rectron Semiconductor SF64 Datasheet HTML 3Page - Rectron Semiconductor SF64 Datasheet HTML 4Page - Rectron Semiconductor SF64 Datasheet HTML 5Page - Rectron Semiconductor SF64 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
CASE TEMPERATURE, (
OC)
0
0.1
0.4
1.0
4
40
20
10
0
2
4
6
10
8
2.0
1.5
0.51.0
3.0
2.5
3.5
150
100
50
0
RATING AND CHARACTERISTICS CURVES ( SF61 THRU SF67 )
FIG.1 TYPICAL FORWARD CURRENT
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
DERATING CURVE
FIG.2 MAXIMUM INSTANTANEOUS
FIG.2 MAXIMUM INSTANTANEOUS
FORWARD CHARACTERISTICS
FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1 0.2
0
2
4
6
60
40
20
10
100
200
40
100
0.4
1.0
2
4
10
20
FIG.4 TYPICAL JUNCTION CAPACITANCE
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
75
50
25
100
150
125
5
210
20
50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
SURGE CURRENT
Single Phase Half Wave
60 Hz Inductive or
Resistive Load
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25 OC
Pulse Width = 300mS
1% Duty Cycle
TJ = 25 OC
FFIIG
G..33
RREEVVEERRSSEE CCHHAARRAACCTTEERRIISSTTIICCSS
MAXIMUM
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.01
100
0.001
10
1.0
60
20
40
80
100
120
140
TA = 25 OC
TA =150 OC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com