Electronic Components Datasheet Search
  English  ▼

X  

SF67 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # SF67
Description  GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF67 Datasheet(HTML) 4 Page - Rectron Semiconductor

  SF67 Datasheet HTML 1Page - Rectron Semiconductor SF67 Datasheet HTML 2Page - Rectron Semiconductor SF67 Datasheet HTML 3Page - Rectron Semiconductor SF67 Datasheet HTML 4Page - Rectron Semiconductor SF67 Datasheet HTML 5Page - Rectron Semiconductor SF67 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AXIAL LEAD TAPING SPECIFICATIONS
FOR RECTIFIERS
Axial lead devices are packed in accordance with EIA standard RS-296-D and specifications given below.
COMPNENT
OUTLINE
T-1
R-1
A-405
A-405
DO-41
DO-41
DO-15
R-3
DO-201AD
R-6
10.0mm
10.0mm
5.0mm
5.0mm
5.0mm
5.0mm
5.0mm
5.0mm
5.0mm
5.0mm
26.0mm
26.0mm
26.0mm
26.0mm
52.4mm
52.4mm
52.4mm
52.4mm
52.4mm
52.4mm
TOLERANCE
2.0mm/20pitch
2.0mm/20pitch
2.0mm/20pitch
2.0mm/20pitch
2.0mm/20pitch
2.0mm/10pitch
2.0mm/10pitch
2.0mm/10pitch
2.0mm/10pitch
2.0mm/10pitch
CUMULATIVE PITCH
INNER TAPE
COMPONENT
PITCH A
PITCH B
0.5mm (.020")
0.5mm (.020")
1.5mm (.059")
E
L2
L1
E
A
Z
90
O
5
O
B
T
DO
W
D1
D
Fig.: Configuration of AXIAL LEAD TAPING
Component alignment
Tape width
Exposed adhesive
Body eccentricity
Reel outside diameter
Reel inner diameter
Feed hole diameter
Reel width
Z
T
E
IL1-L2I
D
D1
DO
W
1.2 Max.
6.0 0.4
0.8 Max.
1.0 Max.
330.0
85.7 0.3
30.5 0.4
79.0 1.0
0.047 Max.
0.236 0.016
0.032 Max.
0.039 Max.
13.0
3.374 0.012
1.201 0.016
3.110 0.039
ITEM
SYMBOL
SPECIFICATIONS (mm)
SPECIFICATIONS (inch)
Notes :
1.Each component lead shall be sandwiched between tapes for a minimum of 3.2mm (0.126").
2.The reel width "W" for 26mm taping is 50.0 1.0mm (1.97"
0.040").



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com