Electronic Components Datasheet Search
  English  ▼

X  

CDA0666 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CDA0666
Description  PIN Diode 5 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CDA0666 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CDA0666 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
600
1400
MHz
DC Current
34
50
mA
At +5 VDC Supply
Control Type
TTL
5 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
0
±5 µA
VIH = +2.7 V
Low
0
±5 µA
VIL = +0.5 V
Insertion Loss
2.5
4.5
dB
Attenuation
LSB
1dB
Range
031
dB
1, 2, 4, 8, 16
Accuracy
dB
± (0.25 dB +2% of Atten.
Setting in dB)
VSWR
1.2/1
1.7/1
Impedance
50
OHMS
Switching Speed
0.2
1
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
0.15
µSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
340
mV
Peak Value
Intercept Points
2nd
+60
+75
dBm
300 MHz / 720 MHz
3rd
+30
+44
dBm
850 MHz / 700 MHz
RF Power
Operate
+23
+20
dBm
0.1 dB Compression
No Damage
+27
dBm
Operating Temperature
-55
+25
+125
°CTA
MODEL NO.
CDA0666
FEATURES
600 - 1400 MHz
34 mA, +5 VDC
+44 dBm 3rd Order Intercept
2.8 dB Insertion Loss
1 dB LSB, 31 dB Range
TTL Control
Replaceable SMA Connectors
5 BIT
DA ICO
I ndustries
Rev. A / Iss. 1
GUARANTEED PERFORMANCE
PIN Diode 5 Section Attenuator
TYPICAL PERFORMANCE
at 25
°C
1.0
0
1.2
1.4
1.0
2.0
1.6
1.8
2.0
3.0
4.0
5.0
2.2
6.0
FREQUENCY (MHz)
100
400
1000
3000
I. LOSS
VSWR
SMA FEMALE
2 PLACES
BASE: 6061-T6 ALUM ALLOY
ALODINE 1200, GOLD (CHEM
FILM PER MIL-C-5541CL3)
.48
.30
HOUSING ASTMF-15 ALLOY
GOLD PLATE PER MIL-G-45204
TYPE III, GR.A
.10
1.800
.025 DIA
7 PLACES
.38
TYP
J1
PART IDENTIFICATION
J2
1.20
.10
1.000
2.00
6 EQ SPACES
AT .20
.40
.60
.15
± .05
2 - 56 THD INSERT (SCREW LOCKING)
2 THD DIA LONG (.17) .19 MAX. SCREW
DEPTH, 4 PLACES, FARSIDE
.xx = .02
.xxx = .010
••
••
••
••
••
••
•
•
•
"0"
8 dB
+5V
16 dB
1 dB
2 dB
4 dB
GND
"0"
"0"
"0"
"0"
J1
E5
E4
E3
E2
E1
16 dB
1 dB
2 dB
4 dB
8 dB
J2


Similar Part No. - CDA0666

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDA0867 DAICO-CDA0867 Datasheet
197Kb / 1P
GaAs 7 Section Attenuator
More results

Similar Description - CDA0666

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
DA0659 DAICO-DA0659 Datasheet
38Kb / 1P
PIN DIODE 5 SECTION ATTENUATOR
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
PIN Diode 5 Section Attenuator
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
PIN Diode 5 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
PIN Diode 7 Section Attenuator
DA0844 DAICO-DA0844 Datasheet
40Kb / 1P
PIN Diode 6 Section Attenuator
DAO879 DAICO-DAO879 Datasheet
143Kb / 1P
PIN Diode 1 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
PIN Diode 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com