Electronic Components Datasheet Search
  English  ▼

X  

SLDB207S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SLDB207S
Description  VOLTAGE 1000 Volts CURRENT 2.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SLDB207S Datasheet(HTML) 1 Page - Rectron Semiconductor

  SLDB207S Datasheet HTML 1Page - Rectron Semiconductor SLDB207S Datasheet HTML 2Page - Rectron Semiconductor SLDB207S Datasheet HTML 3Page - Rectron Semiconductor SLDB207S Datasheet HTML 4Page - Rectron Semiconductor SLDB207S Datasheet HTML 5Page - Rectron Semiconductor SLDB207S Datasheet HTML 6Page - Rectron Semiconductor SLDB207S Datasheet HTML 7Page - Rectron Semiconductor SLDB207S Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SLDB207S
SLDBS
Dimensions in inches and (millimeters)
FEATURES
* Good for automation insertion
* Surge overload rating - 50 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 0.33 gram
* Halogen-free
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
MAXIMUM RATINGS (At TA =25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA =25
oC unless otherwise noted)
2016-07
REV:O
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
2.0
50
10.4
-55 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TA =40
oC
1000
700
Volts
Amps
A
2/S
SLDB207S
SLDB207S
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.0
0.05
mAmps
uAmps
Element at 2.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA =25
oC
@TA = 125
oC
1.0
R
θ JA
0C/W
R
θ JL
Typical Thermal Resistance (Note 2)
Typical Current Squared Time
Note: 1.”Fully ROHS compliant”,”100% Sn plating(Pb-free).
2. Thermal Resistance: Mounted on PCB.
62.5
25
Maximum Reverse Current at Rated
.028 (0.7)
.020 (0.5)
.135 (3.45)
.127 (3.25)
.200 (5.1)
.192 (4.9)
.153 (3.9)
.161 (4.1)
MAX .059 (1.5)
.0039 (0.100)
.0036 (0.092)
.028 (0.700)
.012 (0.300)
.009(0.220)
.007(0.180)
I
2t
VOLTAGE 1000 Volts CURRENT 2.0 Ampere
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
Pin 1
Pin 3
Pin 4
Pin 2


Similar Part No. - SLDB207S

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLDB SONGLERELAY-SLDB Datasheet
5Mb / 3P
40A switching capability
SLDB-12DC-1-A SONGLERELAY-SLDB-12DC-1-A Datasheet
5Mb / 3P
40A switching capability
SLDB-12DC-1-B SONGLERELAY-SLDB-12DC-1-B Datasheet
5Mb / 3P
40A switching capability
SLDB-12DC-1-C SONGLERELAY-SLDB-12DC-1-C Datasheet
5Mb / 3P
40A switching capability
SLDB-24DC-1-A SONGLERELAY-SLDB-24DC-1-A Datasheet
5Mb / 3P
40A switching capability
More results

Similar Description - SLDB207S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
DB107-C-S-R01 RECTRON-DB107-C-S-R01 Datasheet
233Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
RS201M RECTRON-RS201M Datasheet
44Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB2014S RECTRON-DB2014S Datasheet
180Kb / 6P
VOLTAGE 1400 Volts CURRENT 2.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-04/97 REV:B
DRS201K RECTRON-DRS201K Datasheet
274Kb / 5P
GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE 1000 Volts CURRENT 2.0 Ampere
2018-10 REV: C
MSB407S RECTRON-MSB407S Datasheet
135Kb / 6P
VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-07 REV:D
SLDB157S RECTRON-SLDB157S Datasheet
266Kb / 8P
VOLTAGE 1000 Volts CURRENT 1.5 Ampere SINGLE-PHASE GLASS PASSIVATED S ILICON BRIDGE RECTIFIER
2018-08 REV: A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com