Electronic Components Datasheet Search
  English  ▼

X  

SR7040C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR7040C
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 70 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR7040C Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR7040C Datasheet HTML 1Page - Rectron Semiconductor SR7040C Datasheet HTML 2Page - Rectron Semiconductor SR7040C Datasheet HTML 3Page - Rectron Semiconductor SR7040C Datasheet HTML 4Page - Rectron Semiconductor SR7040C Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 70 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR7060C
THRU
SR7020C
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Ambient Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
70
600
1.2
24
Amps
0
C/W
0
C
Storage Temperature Range
R θ J C
R θ J A
IO
Operating Temperature Range
TJ
SR7020C
20
150
-55 to + 150
0
C
SR7035C
SR7030C
SR7040C SR7045C SR7050C
30
35
40
45
50
14
21
25
28
32
35
20
30
35
40
45
50
SR7060C
SR7020C
SR7035C
SR7030C
SR7040C SR7045C SR7050C
SR7060C
60
42
60
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2. Suffix “A” = Common Anode.
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 35.0A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
.65
mA
UNITS
.75
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: To-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
I2t
1494
A2/Sec
Typical Current Squarad Time
Dimensions in inches and (millimeters)
.161 (4.1)
.413 (10.5)
.138(3.5)
.173 (4.4)
.055 (1.40)
.045 (1.14)
.270 (6.9)
.378 (9.6)
.583 (14.8)
.037 (0.95)
.110 (2.79)
.090 (2.29)
.026 (0.65)
.335 (8.5)
.157
(4.0 )
.516 (13.1)
.028 (0.7)
.012 (0.3)
.230 (5.8)
.189 (4.8)
.138 (3.5)
.098(2.5)
.0591.49)
.045(1.15)
.115 (2.92)
.092 (2.03)
.374 (9.5)
PIN 1
PIN 3
PIN 2
HEATSINK
3."RoHS compliant"
2022-04
REV:C


Similar Part No. - SR7040C

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SR704 POLYFET-SR704 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SR704U POLYFET-SR704U Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SR704U POLYFET-SR704U Datasheet
62Kb / 2P
RF POWER VDMOS TRANSISTOR
SR704U POLYFET-SR704U_14 Datasheet
62Kb / 2P
RF POWER VDMOS TRANSISTOR
SR704 POLYFET-SR704_14 Datasheet
62Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SR7040C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR1620CS RECTRON-SR1620CS Datasheet
25Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes)
SR3020C RECTRON-SR3020C Datasheet
26Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
SR6020C RECTRON-SR6020C Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 50 Volts CURRENT 60 Amperes)
SR820S RECTRON-SR820S Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
ISR1060C RECTRON-ISR1060C Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
ISR1620C RECTRON-ISR1620C Datasheet
31Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes
SR1020 RECTRON-SR1020 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com