Electronic Components Datasheet Search
  English  ▼

X  

CDS0892 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CDS0892
Description  Connectorized SP2T w/Amp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CDS0892 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CDS0892 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CDS0892
Connectorized SP2T w/Amp
FEATURES
1550 - 1850 MHz
4 dB Gain
Non-Reflective
TTL Driver
Replaceable SMA Connectors
HDI
DA ICO
I ndustries
Rev. A / Iss. 1
GND
GND
J3
+15V
CONT
J1
J2
SWITCH
SP2T
AMPLIFIER
1.773
J2
J1
PART
IDENTIFICATION
.15
±.05
.025 DIA 4 PLACES
TIN LEAD SOLDER (SN63) PER
QQ-S-571 COATED TO WITHIN
0.025 OF SURFACE
J3
1.00
±.03
.750
.104 X .304
SLOT THRU
(TYP)
.25
1.00
2.17
.xx = .02
.xxx = .010
.34
.06
.197
FREQUENCY (MHz)
TYPICAL PERFORMANCE
at 25
°C
80
60
40
20
0
0
2
4
6
8
100
400
1000
3000
1.0
1.2
1.4
1.6
1.8
VSWR
ISO
GAIN
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1550
1850
MHz
DC Current
71
100
mA
At +15 VDC Supply
Control Type
TTL
1 Line
Logic “0” = J2 - J3
Logic “1” = J1 - J3
Control Current
High
060
µA
VIH = +2.7 V
Low
-0.5
-1.6
mA
VIL = +0.5 V
Insertion Gain
34
5
dB
Flatness
±0.1
±0.5 dB
Noise Figure
8.2
10
dB
Isolation
45
59
dB
VSWR
Thru
1.17/1
1.5/1
Termination
1.12/1
1.5/1
Impedance
50
OHMS
Switching Speed
0.6
1
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
340
700
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
1.3
V
Peak Value
Intercept Points
2nd
+47
dBm
350 / 150 MHz
3rd
+31
dBm
175 / 200 MHz
RF Power
Operate
+2
-1
dBm
0.1 dB Input Compression
No Damage
+5
dBm
Operating Temperature
-55
+25
+100
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - CDS0892

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0882 DAICO-CDS0882 Datasheet
45Kb / 1P
GaAs SP2T
More results

Similar Description - CDS0892

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST0X00 HP-LST0X00 Datasheet
179Kb / 4P
Connectorized ELEDS
PDT0X1X HP-PDT0X1X Datasheet
154Kb / 5P
Connectorized PIN Photodiodes
logo
DAICO Industries, Inc.
DS0842 DAICO-DS0842 Datasheet
46Kb / 1P
GaAs SP2T
DS0813-T DAICO-DS0813-T Datasheet
43Kb / 1P
GaAs SP2T
DS0602 DAICO-DS0602 Datasheet
180Kb / 1P
GaAs SP2T
DS0712 DAICO-DS0712 Datasheet
158Kb / 1P
GaAs SP2T
DS0850-T DAICO-DS0850-T Datasheet
144Kb / 1P
GaAs SP2T
DSW22023 DAICO-DSW22023 Datasheet
155Kb / 1P
GaAs SP2T
CDX0947 DAICO-CDX0947 Datasheet
41Kb / 1P
Connectorized SPST w/Amp
logo
Micronetics, Inc.
8126 MICRONETICS-8126 Datasheet
39Kb / 1P
CONNECTORIZED ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com