Electronic Components Datasheet Search
  English  ▼

X  

PCA2117 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA2117
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA2117 Datasheet HTML 8Page - NXP Semiconductors PCA2117 Datasheet HTML 9Page - NXP Semiconductors PCA2117 Datasheet HTML 10Page - NXP Semiconductors PCA2117 Datasheet HTML 11Page - NXP Semiconductors PCA2117 Datasheet HTML 12Page - NXP Semiconductors PCA2117 Datasheet HTML 13Page - NXP Semiconductors PCA2117 Datasheet HTML 14Page - NXP Semiconductors PCA2117 Datasheet HTML 15Page - NXP Semiconductors PCA2117 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
12 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
Status_Register_3
7
D
see Table 25
display setting status
6C
cursor setting status
5B
character blink setting status
4
SC
see Table 26
shift or move setting status
3RL
shift or move direction setting status
2
L
see Table 27
screen configuration setting status
1
P
see Table 28
display column setting status
0Q
display row setting status
Status_Register_4
7
-
0
fixed value
6
IM
see Table 29
icon mode setting status
5IB
icon blink select status
4
CPE
see Table 30
charge pump setting status
3
-
0
fixed value
2, 1
CPC[1:0]
see Table 30
charge pump voltage multiplier setting
status
0
VLCDA8
see Table 31
value of VLCDA
Status_Register_5
7 to 0
VLCDA[7:0]
see Table 31
value of VLCDA
Status_Register_6
7
TCE
see Table 32
temperature compensation setting status
6TMF
temperature measurement filter setting
status
5 to 3
TSA[2:0]
see Table 33
temperature compensation slope A setting
status
2 to 0
TSB[2:0]
temperature compensation slope B setting
status
Status_Register_7
7
TME
see Table 32
temperature measurement setting status
6 to 4
TSC[2:0]
see Table 33
temperature compensation slope C setting
status
3 to 1
TSD[2:0]
temperature compensation slope D setting
status
0
VLCDB8
see Table 31
value of VLCDB
Status_Register_8
7 to 0
VLCDB[7:0]
see Table 31
value of VLCDB
Table 12.
Read_status_reg - readout register command bit description …continued
Bit
Symbol
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com