Electronic Components Datasheet Search
  English  ▼

X  

PCA8530 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA8530
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA8530 Datasheet HTML 8Page - NXP Semiconductors PCA8530 Datasheet HTML 9Page - NXP Semiconductors PCA8530 Datasheet HTML 10Page - NXP Semiconductors PCA8530 Datasheet HTML 11Page - NXP Semiconductors PCA8530 Datasheet HTML 12Page - NXP Semiconductors PCA8530 Datasheet HTML 13Page - NXP Semiconductors PCA8530 Datasheet HTML 14Page - NXP Semiconductors PCA8530 Datasheet HTML 15Page - NXP Semiconductors PCA8530 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
12 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.2.5 Command: Clock-out-ctrl
When pin CLK is configured as an output pin, the Clock-out-ctrl command enables or
disables the clock output on pin CLK (Section 8.6.1 on page 22).
8.2.6 Command: Read-select
The Read-select command allows choosing to readout the temperature or the device
status.
Table 10.
Clock-out-ctrl - CLK pin input/output switch command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 1
-
1101010
fixed value
0COE
control pin CLK
0
clock signal not available on pin CLK;
pin CLK is in 3-state
1
clock signal available on pin CLK
Table 11.
Read-select - status read select command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 1
-
0001110
fixed value
0SO
readout
0
temperature;
the Status-readout command allows to
readout the temperature TD[7:0], see
Table 12
1
device status:
the Status-readout command allows to
readout some information about the status of
the device, see Table 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com