Electronic Components Datasheet Search
  English  ▼

X  

CDS0912 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CDS0912
Description  PIN Diode SP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CDS0912 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CDS0912 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
120
310.507.3242 • FAX 310.507.5701 • www.daico.com
SP2T
Ω
Ω
MODEL NUMBER
CDS0912
FEATURES
• 20 - 4000 MHz
• < 1 dB Insertion Loss up to 3 GHz
• TTL Driver
• Non-Reflective
• Replaceable SMA Connectors
PIN Diode SP2T


Similar Part No. - CDS0912

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
More results

Similar Description - CDS0912

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0613 DAICO-DS0613 Datasheet
157Kb / 1P
PIN Diode SP2T
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
PIN Diode SP2T
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0052 DAICO-DS0052 Datasheet
53Kb / 1P
PIN Diode SP2T
DS0612 DAICO-DS0612 Datasheet
165Kb / 1P
Pin Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
DS0966-1 DAICO-DS0966-1 Datasheet
156Kb / 1P
PIN Diode SP2T
DSW29029 DAICO-DSW29029 Datasheet
38Kb / 1P
PIN Diode SP2T
logo
M/A-COM Technology Solu...
MSW205X-205 MA-COM-MSW205X-205 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com