Electronic Components Datasheet Search
  English  ▼

X  

PCF2116CU Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2116CU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116CU Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2116CU Datasheet HTML 2Page - NXP Semiconductors PCF2116CU Datasheet HTML 3Page - NXP Semiconductors PCF2116CU Datasheet HTML 4Page - NXP Semiconductors PCF2116CU Datasheet HTML 5Page - NXP Semiconductors PCF2116CU Datasheet HTML 6Page - NXP Semiconductors PCF2116CU Datasheet HTML 7Page - NXP Semiconductors PCF2116CU Datasheet HTML 8Page - NXP Semiconductors PCF2116CU Datasheet HTML 9Page - NXP Semiconductors PCF2116CU Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
6 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
7.2 Pin description
Table 3.
Pin description of PCA2117DUGx
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description
Row output pins
R13
1 to 3
output
LCD row driver output
R14
4, 5
R15
6, 7
R16
8, 9, 232, 233 output
LCD row driver output for driving the icons
R17
110, 111, 130,
131
R7
112, 113
output
LCD row driver output
R6
114, 115
R5
116 to 118
R4
119 to 121
R3
122, 123
R2
124, 125
R1
126, 127
R0
128, 129
R8
234, 235
R9
236, 237
R10
238, 239
R11
240, 241
R12
242 to 244
Column output pins
C99 to C0
132 to 231
output
LCD column driver output
VLCD pins
VLCDIN
10 to 13
supply
VLCD input
VLCDSENSE
14 to 16
input
VLCD regulation input
VLCDOUT
17 to 20
output
VLCD output
Supply pins
VSS2[1]
21 to 30
supply
ground supply
VSS3[1]
31 to 34
VSS1[1]
35 to 47
VDD1
61 to 65
supply
supply voltage 1
VDD2
66 to 73
supply
supply voltage 2
PWROUT
81, 82
output
regulated voltage output; must be connected to PWRIN
PWRIN
83 to 89
input
regulated voltage input; must be connected to PWROUT
Test pins
T1
48, 49
input
not accessible; must be connected to VSS1
T2
50, 51
T4
52 to 54
output
not accessible; must be left open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com