Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT Datasheet HTML 16Page - NXP Semiconductors PCF8545ATT Datasheet HTML 17Page - NXP Semiconductors PCF8545ATT Datasheet HTML 18Page - NXP Semiconductors PCF8545ATT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
15 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.3 Charge pump and LCD bias control commands
8.3.1 Command: Charge-pump-ctrl
The Charge-pump-ctrl command enables or disables the internal VLCD generation and
controls the charge pump voltage multiplier settings.
8.3.2 Command: Set-VLCD
The Set-VLCD command allows setting the LCD voltage.
A value of 0h corresponds to VLCD = 4 V and values equal or higher than 10Ch
correspond to VLCD = 12 V without temperature compensation. Every LSB change
corresponds to a VLCD programming step of 0.03 V. For further information, see
Table 14.
Charge-pump-ctrl - charge pump control command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 4
-
1100
fixed value
3CPE
charge pump status
0
charge pump disabled;
no internal VLCD generation;
external supply of VLCD
1
charge pump enabled;
internal VLCD generation;
no external supply of VLCD
2 to 0
CPC[2:0]
charge pump voltage multiplier setting
000
VLCD = 2  VDD2
001
VLCD = 3  VDD2
010
VLCD = 4  VDD2
011
VLCD = 5  VDD2
100 to 111
VLCD = VDD2 (direct mode)
Table 15.
Set-VLCD - Set-VLCD command bit description
Bit
Symbol
Value
Description
Set-VLCD-MSB
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 5
-
010
fixed value
4 to 0
V[8:4]
set VLCD MSB
00000 to
11111
the 5 most significant bits of V[8:0]
Set-VLCD-LSB
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 4
-
0110
fixed value
3 to 0
V[3:0]
set VLCD LSB
0000 to 1111
the 4 least significant bits of V[8:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com