Electronic Components Datasheet Search
  English  ▼

X  

PCF8545BTT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8545BTT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545BTT Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8545BTT Datasheet HTML 1Page - NXP Semiconductors PCF8545BTT Datasheet HTML 2Page - NXP Semiconductors PCF8545BTT Datasheet HTML 3Page - NXP Semiconductors PCF8545BTT Datasheet HTML 4Page - NXP Semiconductors PCF8545BTT Datasheet HTML 5Page - NXP Semiconductors PCF8545BTT Datasheet HTML 6Page - NXP Semiconductors PCF8545BTT Datasheet HTML 7Page - NXP Semiconductors PCF8545BTT Datasheet HTML 8Page - NXP Semiconductors PCF8545BTT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
2 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Wide LCD voltage range from 4.0 V for low threshold LCDs up to 12.0 V for high
threshold twisted nematic and Vertical Alignment (VA) displays
Display memory bank switching in static and 1:2 multiplex drive modes
Programmable frame frequency in the range of 45 Hz to 300 Hz; factory calibrated
with a tolerance of
3 Hz (at 80 Hz)
Selectable inversion scheme for LCD driving waveforms: frame or n-line inversion
Diagnostic features for status monitoring
Integrated temperature sensor with temperature readout
On chip calibration of internal oscillator frequency and VLCD
Laser marking at the back-side of the die for traceability of the lot number, wafer
number, and die position on the wafer
3.
Applications
Automotive
Instrument clusters
Climate control
Car entertainment
Car radio
Industrial
Consumer
Medical and health care
Measuring equipment
Machine control systems
Information boards
White goods
General-purpose display modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com