Electronic Components Datasheet Search
  English  ▼

X  

MA751A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA751A
Description  Silicon epitaxial planar type (cathode common)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA751A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA751A Datasheet HTML 1Page - Panasonic Semiconductor MA751A Datasheet HTML 2Page - Panasonic Semiconductor MA751A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: August 2001
SKH00051AED
MA3G751, MA3G751A (MA751, MA751A)
Silicon epitaxial planar type (cathode common)
For switching mode power supply
I Features
• I
F(AV) = 20 A rectification is possible
• Cathode-common dual type
• Low forward voltage V
F
• TOP-3F-A1 package
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Repetitive peak
MA3G751
VRRM
40
V
reverse-voltage
MA3G751A
45
Average forward current
IF(AV)
20
A
Non-repetitive peak forward-
IFSM
150
A
surge-current *
Junction temperature
Tj
−40 to +125
°C
Storage temperature
Tstg
−40 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC) MA3G751
IR
VR = 40 V
5
mA
MA3G751A
VR
= 45 V
5
Forward voltage (DC)
VF
IF
= 10 A
0.55
V
High voltage rectification
Rth(j-c)
Smoothed current (between junction and case)
1.5
°C/W
I Electrical Characteristics T
a = 25°C
Marking Symbol
• MA3G751 : MA751
• MA3G751A: MA751A
Internal Connection
23
1
Unit: mm
1 : Anode
2 : Cathode
(common)
3 : Anode
EIAJ : SC-92
TOP-3F-A1 Package
15.0±0.3
5.0±0.2
11.0±0.2
2.0±0.2
2.0±0.1
0.6±0.2
1.1±0.1
5.45±0.3
10.9±0.5
123
φ 3.2±0.1
(3.2)
Note) *: Half sine wave; 10 ms/cycle
Note) Rated input/output frequency: 100 MHz
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA751A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA7510 PANASONIC-MA7510 Datasheet
58Kb / 4P
Silicon planar type
logo
Murata Manufacturing Co...
MA75101BAN MURATA-MA75101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA75101BBN MURATA-MA75101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA75101CAN MURATA-MA75101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA75101CBN MURATA-MA75101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA751A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D752 PANASONIC-MA3D752 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D755 PANASONIC-MA3D755 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D756 PANASONIC-MA3D756 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D760 PANASONIC-MA3D760 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D798 PANASONIC-MA3D798 Datasheet
40Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3S781E PANASONIC-MA3S781E Datasheet
45Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3U755 PANASONIC-MA3U755 Datasheet
39Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3XD14E PANASONIC-MA3XD14E Datasheet
44Kb / 2P
Silicon epitaxial planar type (cathode common)
MA7D50 PANASONIC-MA7D50 Datasheet
66Kb / 3P
Silicon epitaxial planar type (cathode common)
MA7D56 PANASONIC-MA7D56 Datasheet
72Kb / 3P
Silicon epitaxial planar type (cathode common)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com