Electronic Components Datasheet Search
  English  ▼

X  

CSA09034 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSA09034
Description  SP4T Switch Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSA09034 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSA09034 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. N/D / Iss.1
MODEL NO.
CSA09034
SP4T Switch Assembly
FEATURES
1 - 1200 MHz
High Intercept Points
80 dB Isolation
1.0 dB Insertion Loss
Amplitude and Phase Balanced
2 Line TTL Control
Four Integrated SP4T Switches
HDI
DA ICO
I ndustries
J2
J2
J2
J2
J1
J1
J1
J1
S4
S3
S2
S1
0.60
0.42
0.60
1.20
1.80
0.18
J3
J3
J3
J3
1.20
J5
J5
J5
J5
J4
J4
J4
J4
S1
S2
S3
S4
ESD SYMBOL SHALL BE
IAW MIL-STD-1285
0.60
0.42
0.60
1.20
1.80
2.40
0.18
1.75
0.25 REF
2.42
1.79
0.02
REF
SMA
CONNECTORS
JACK
20 PLACES
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1
1200
MHz
DC Current
26
43
mA
At +5 VDC Supply
46
53
mA
To -15 VDC Supply
Control Type
TTL
See Logic Table
Control Current
High
µA
VIH = +2.7 V
Low
µA
VIL = +0.5 V
Insertion Loss
1.0
1.5
dB
1 - 100 MHz
1.5
2.0
dB
100 - 1200 MHz
Amp Balance
±0.1
±0.3
dB
Port to Port, Ref J4
Phase Balance
±1.0
±2.0
DEG
Port to Port, Ref J4
Isolation
70
80
dB
VSWR
Thru
1.15/1 1.25/1
Termination
1.25/1
1.5/1
Impedance
50
OHMS
Switching Speed
6.3
10
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
3.0
µSec
10% / 90% to 90% / 10% RF
Switching (Video) Transients
-74
-70
dBm
Intercept Points
2nd
+70
+76
dBm
1 - 20 MHz
+80
+100
dBm
20 - 1200 MHz
3rd
+35
+38
dBm
1 - 20 MHz
+40
+58
dBm
20 - 1200 MHz
RF Power
Operate
+15
+12
dBm
1 - 2 MHz (0.1 dB Comp.)
+17
+15
dBm
2 - 20 MHz (0.1 dB Comp.)
+30
+20
dBm
20 - 1200 MHz (0.1 dB Comp.)
No damage
+30
dBm
Operating Temperature
0
+25
+75
°CTA
GUARANTEED PERFORMANCE
TYPICAL SCHEMATIC FOR S1 - S4
LOGIC
GND
(DC RET)
SW-01
“0”
SW-02
“0”
STROBE
(STB)
“0”
+15V
-15V
COMMON TO
S1, S2, S3, S4
J5
COM
50
Ω
J3
50
Ω
J2
50
Ω
J1
J4
50
Ω
2.50 MAX
PIN 1
CONN, MDM-9PH025P
WITH JACKPOSTS
(OR EQUIVALENT)
7.00 / 6.50
STRAIN RELIEF
PROVIDED INTERNALLY
.19 X .15 REF
.40 MAX
(9) 26 AWG STRANDED WIRES
(PART OF CONNECTOR)
WITH SLEEVING
LOGIC TABLE
Strobe
SW-02
SW-01
Function
Switch
00
0
J5 To J1
S1 - S4
00
1
J5 To J2
S1 - S4
01
0
J5 To J3
S1 - S4
01
1
J5 To J4
S1 - S4
Last State When
S1, S2, S3, S4
1X
X
Strobe was at a
as Required
Low Level
See J6 Chart
X = Don’t Care


Similar Part No. - CSA09034

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSA09035 DAICO-CSA09035 Datasheet
30Kb / 1P
Digital Attenuator Assembly
More results

Similar Description - CSA09034

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
Switch SP4T
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
SP4T Switch
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
PE71S6182 PASTERNACK-PE71S6182 Datasheet
413Kb / 4P
SP4T Switch
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
SP4T Switch
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
SP4T Switch
MSP4TA-18-12 MINI-MSP4TA-18-12 Datasheet
397Kb / 3P
SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
SP4T Switch
MSP4TA-18D MINI-MSP4TA-18D Datasheet
534Kb / 3P
SP4T Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com