Electronic Components Datasheet Search
  English  ▼

X  

CSA09247 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSA09247
Description  Combination T/R - Switch / LNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSA09247 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSA09247 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1.2
1.4
GHz
Small Signal Gain
26.8
27.5
dB
Noise Figure
2.2
dB
Receive State
VSWR In
1.4:1
Receive State
VSWR Out
1.22:1
Reverse Isolation
40
dB
Receive State
Time Delay
5.9
6.5
nsec
Receive State
Intercept Points
2nd
40
dBm
3rd
27
28
dBm
RF Power
Output
+20
dBm
Input
+66
dBm
1% Duty Cycle Short Pulse
DC Current
200
mA
At +4 Vdc
10
µA
At -60 Vdc
VSWR In
1.3:1
Transmit State
Isolation
J1-J2
50
dB
Transmit State
Isolation
J1-J2
30
dB
LNA +4V On
VSWR Trip Self Protection
170
270
Watts
Operating Temperature
-54
+25
+71
°C
Transmit State
MODEL NO.
CSA09247
FEAT URES
1215 - 1400 MHz
Transmit / Receive / LNA Assembly
28 dB Gain
Low Noise Figure 2.0 dB
MFA
DA I C O
I ndustries
Rev.1 / Iss. 2
GUARANTEED PERFORMANCE
27.25
45
1.75
0.9
26.50
26.75
30
35
27.00
40
1.0
1.25
1.50
1.0
1.1
27.50
50
27.75
28.00
55
60
2.00
2.25
2.50
28.25
65
2.75
1.2
1.3
1.4
55
40
50
45
60
65
70
75
1.5
TYPICAL PERFORMANCE
at 25
°C
FREQUENCY (GHz)
ISO Trans
ISO Recv
GAIN
NF
Combination T/R - Switch / LNA
DET
BASE RTN
BIAS
GND
1
2
3
4
8
9
+4V
XMIR 0.8 VDC
RCV -60 VDC
E3
(+5.7
Q1
VDC)
E2
E4
R1
P1
SELF BIAS
SW
DETECTOR
COUPLER
SWITCH
PASSIVE
LIMITER
RF OUTPUT
AMP
U1
XMIT
TO
OUTPUT
LOAD
LOAD
AT1
ISOLATOR
HY1
J2
RF OUTPUT
J1
RF INPUT
2
4
3
S1
DETECTOR
RF TO TR
SWITCH
DRIVER
TR SWITCH
DRIVER
BIAS FROM
FUNCTIONAL BLOCK DIAGRAM
-5V
PINS 5-7 ARE
NO CONNECTION
1
HY1
.375
.920
.250
.45
±.10
.35
±.05
SMA
FEMALE
03538SOCN
77A108890P00
P1
2.50
±.25
3.80 3.350
.20
2.450
1.95
.750
.25
7.000
7.50
1.900
1.90
2.600
2.20
.885
.44
1.830
4.260
6.500
8.00
J1
J2
BeO
CSA09147
SN
28983
J2
PIN 1
END
.204
+.005
-.003
4 PLACES
TNC
FEMALE
M24308/4-1F
WITH 2 (TWO)
JACKSCREWS
M24308/25-9
ESD SYMBOL
CUSTOMER
PART NUMBER
SERIAL NO.
4-40 THD X .25 MIN
4 PLACES
DIA THRU


Similar Part No. - CSA09247

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSA09034 DAICO-CSA09034 Datasheet
37Kb / 1P
SP4T Switch Assembly
CSA09035 DAICO-CSA09035 Datasheet
30Kb / 1P
Digital Attenuator Assembly
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
Combination T/R - Switch / LNA
More results

Similar Description - CSA09247

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
5.0 - 6.0 SPDT T/R Switch
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
T/R - Switch / LNA Assembly
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
Combination T/R - Switch / LNA
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
logo
Hittite Microwave Corpo...
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Supertex, Inc
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
logo
Guerrilla RF, Inc.
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com