Electronic Components Datasheet Search
  English  ▼

X  

CSWT5104 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSWT5104
Description  GaAs Transfer Switch / Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSWT5104 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSWT5104 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.100 TYP
(FLANGE)
(LEAD)
.053 R
TYP
112
13
24
COLOR BEAD
CONTRASTING
PART IDENTIFICATION
.20
.015
.010
±.002
TYP
.015
±.002 TYP
.040
TYP
.60 TYP
.375 TYP
.77
1.100
.100 TYP
1.36
1.560
.xx = .02
.xxx = .010
MODEL NO.
CSWT5104
GaAs Transfer Switch / Amplifier
FEATURES
50 - 70 MHz
SPACE Application
Hermetic Package
Radiation Tolerant, 100 K Rad
Surface Mount
HDI
DA ICO
I ndustries
Rev. B / Iss. 1
TYPICAL PERFORMANCE
at 25
°C
FREQUENCY (MHz)
1.0
15
1.2
1.4
16
17
10
0
40
20
40
1.6
1.8
18
19
60
80
400
100
1000
3000
OUTPUT
VSWR
ISO
GAIN
VSWR
INPUT
••••••••
•
••
•• •
•
•
•
•
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
RF
GND
GND
RF
OUT A
GND GND
GND
CONT GND
OUT B
GND
GND
GND GND GND
+5V
GND
GND
GND
GND
GND
GND
GND
IN B
IN A
RF
RF
"0"
Parameter
Min Typ Max Units
Conditions
Operating Frequency
50
70
MHz
DC Current
33
40
mA
At +5 VDC Supply
Control Type
TTL
“1” = RF In A to RF Out B
RF In B to RF Out A
“0” = RF In A to RF Out A
RF In B to RF Out B
Control Line Isolation
35
62
dB
Output to Control
Gain
16
16.9
18
dB
Gain Flatness
±0.01 ±0.5 dB
Gain Tracking
±0.01
±0.25 dB
Normal to Crossed
Gain Phase
50 MHz
162.5 165.5
168.5
DEG
60 MHz
157.5 160.5
163.5 DEG
70 MHz
152.5 155.0
158.0 DEG
Control Current
High
±10 µA
VIH = +2.75 V
Low
±10 µA
VIL = +0.8 V
Isolation
40
69
dB
Off Path Gain Referenced
To On Path Gain
VSWR
(Input/Output) Thru
1.5/1
1.7/1
Noise Figure
3.30
4.70
dB
Impedance
50
OHMS
Switching Speed
230
300
nSec
50% TTL - 90% / 10% RF
Transition (Rise/Fall) Time
34
nSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
32
100
mV
Peak Value
Intercept Points
2nd
+31
dBm
80 MHz / 30 MHz
3rd
+20
+23
dBm
45 MHz / 30 MHz
RF Power
Operate
+11.2
+10
dBm
1 dB Compression
No Damage
+21
dBm
Operating Temperature
0
+25
+65
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - CSWT5104

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSWT5103 DAICO-CSWT5103 Datasheet
41Kb / 1P
GaAs Transfer Switch / Amplifier
More results

Similar Description - CSWT5104

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
PHEMT GaAs IC Transfer Switch DC-2 GHz
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
GaAs MMIC FET Transfer Switch DC-4 GHz
logo
DAICO Industries, Inc.
CSWT5103 DAICO-CSWT5103 Datasheet
41Kb / 1P
GaAs Transfer Switch / Amplifier
DSWT1981 DAICO-DSWT1981 Datasheet
146Kb / 1P
GaAs Transfer Switch
logo
Skyworks Solutions Inc.
AS127-59 SKYWORKS-AS127-59 Datasheet
31Kb / 2P
GaAs IC Transfer Switch DC-2 GHz
logo
Tyco Electronics
SW-283-PIN MACOM-SW-283-PIN Datasheet
138Kb / 4P
GaAs Transfer Switch, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com