Electronic Components Datasheet Search
  English  ▼

X  

CSWX1923 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSWX1923
Description  PIN Diode SP2T & SP6T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSWX1923 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSWX1923 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CSWX1923
PIN Diode SP2T & SP6T
FEATURES
30 - 600 MHz
SP2T & SP6T In a 24 Pin DIP
CMOS Control
Low Current Consumption
HDI
D A ICO
I ndustries
Rev. A / Iss. 1
.79
.600
1.100
1.36
PART IDENTIFICATION
.018
±.002 DIA
24 PLACES
.20
.20
.100 TYP
1
12
13
24
CONTRASTING
COLOR BEAD
.xx = .02
.xxx = .010
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
14
12
13
RF1A
RF6A
1A
CTL
6A
CTL
RF2A
RF5A
2A
CTL
5A
CTL
RF3A
RF4A
3A
CTL
4A
CTL
GND
GND
RFA
COM
RFB
COM
GND
GND
2B
CTL
1B
CTL
GND
GND
RF2B
RF1B
•••
•
TYPICAL PERFORMANCE
at 25
°C
ISO
I. LOSS
VSWR
1000
400
100
40
10
1.0
0
0
1.8
2.0
80
1.6
1.5
60
1.4
1.0
40
1.2
.5
20
FREQUENCY (MHz)
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
30
600
MHz
Control Type
CMOS
8 Line - One to Each Switch;
Compatible With
MC88C29 Driver
Logic: +12V = Thru
+0V = Isolation
Control Current
High
4
10
mA
VIH = +12V
Low
0
0
mA
VIL = +0V
Insertion Loss
1.1
1.7
dB
Isolation
37
47
dB
VSWR
Thru
1.2/1
1.6/1
Impedance
50
OHMS
Switching Speed
62
100
µSec
50% TTL to 10% / 90% RF
Transition (Rise/Fall) Time
34
µSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
140
mV
Peak Value
Intercept Points
2nd
+73
dBm
70 MHz / 50 MHz
3rd
+52
dBm
35 MHz / 50 MHz
RF Power
Operate
+21
+10
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
-55
+25
+85
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - CSWX1923

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSWX6152 DAICO-CSWX6152 Datasheet
35Kb / 1P
PIN Diode RF Switch Matrix
CSWX9023 DAICO-CSWX9023 Datasheet
23Kb / 1P
4x5 Switch Matrix
CSWX9290 DAICO-CSWX9290 Datasheet
39Kb / 1P
High Power Antenna Selector
More results

Similar Description - CSWX1923

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0613 DAICO-DS0613 Datasheet
157Kb / 1P
PIN Diode SP2T
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
PIN Diode SP2T
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0052 DAICO-DS0052 Datasheet
53Kb / 1P
PIN Diode SP2T
DS0506 DAICO-DS0506 Datasheet
162Kb / 1P
PIN Diode SP6T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
DS0966-1 DAICO-DS0966-1 Datasheet
156Kb / 1P
PIN Diode SP2T
DSW68034 DAICO-DSW68034 Datasheet
169Kb / 1P
PIN Diode SP6T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com