Electronic Components Datasheet Search
  English  ▼

X  

CTD05076 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CTD05076
Description  Threshold Detector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CTD05076 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CTD05076 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
CTD05076
FEATURES
•100-6000 MHz
• Dynamic Range -10 to +10 dBm
• Hysteresis 1.0 dB
• Input Flatness ±1.0 dB
Threshold Detector
D AICO Industr ies
TD
280
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - CTD05076

ManufacturerPart #DatasheetDescription
logo
General Devices Company...
CTD GENERALDEVICES-CTD Datasheet
255Kb / 2P
Optional Mounting Brackets
logo
Carlo Gavazzi Holding A...
CTD-10S CARLOGAVAZZI-CTD-10S Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
CTD-10S20001AXTX CARLOGAVAZZI-CTD-10S20001AXTX Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
CTD-10S20001AXXX CARLOGAVAZZI-CTD-10S20001AXXX Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
CTD-10S20005AXTX CARLOGAVAZZI-CTD-10S20005AXTX Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
More results

Similar Description - CTD05076

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
THRESHOLD DETECTOR
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com