Electronic Components Datasheet Search
  English  ▼

X  

DA0243 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0243
Description  PIN Diode Linear VCA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0243 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0243 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
236
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
DA0243
FEATURES
• 50-1300 MHz
• 40 dB Range
• 1.3 dB Insertion Loss
• +_2 dB Linearity
• See 100C1521 For Connectorized
Version
VCA
PIN Diode Linear VCA


Similar Part No. - DA0243

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0285 DAICO-DA0285 Datasheet
49Kb / 1P
PIN Diode 7 Section Attenuator
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
Faraday Technology
DA02A FARADAY-DA02A Datasheet
88Kb / 2P
SMD VIDEO DELAY LINES
logo
SHENZHEN FUMAN ELECTRON...
DA02A FUMAN-DA02A Datasheet
364Kb / 6P
500mA charger driver IC
logo
MKS Instruments.
DA02A MKS-DA02A Datasheet
261Kb / 4P
TEMPERATURE-CONTROLLED ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH ETHERCAT COMMUNICATIONS
More results

Similar Description - DA0243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0035 ETC1-DA0035 Datasheet
24Kb / 1P
PIN DIODE LINEAR VCA
logo
DAICO Industries, Inc.
100C0911 DAICO-100C0911 Datasheet
130Kb / 1P
PIN Diode Linear VCA
100C0912 DAICO-100C0912 Datasheet
132Kb / 1P
PIN Diode Linear VCA
100C1521 DAICO-100C1521 Datasheet
122Kb / 1P
PIN Diode Linear VCA
100C1575 DAICO-100C1575 Datasheet
150Kb / 1P
Phase Compensated Linear PIN Diode VCA
100C1818 DAICO-100C1818 Datasheet
169Kb / 1P
Phase Compensated Linear PIN Diode VCA
DA0098 DAICO-DA0098 Datasheet
132Kb / 1P
PIN Diode Linear VCA
DA0425 DAICO-DA0425 Datasheet
143Kb / 1P
PIN Diode Linear VCA
DA0735 DAICO-DA0735 Datasheet
138Kb / 1P
PIN Diode Linear VCA
DA0998 DAICO-DA0998 Datasheet
148Kb / 1P
PIN Diode VCA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com