Electronic Components Datasheet Search
  English  ▼

X  

DA0285 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0285
Description  PIN Diode 7 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0285 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0285 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
30
500
MHz
DC Current
30
50
mA
At +5 VDC Supply
Control Type
CMOS
7 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
40
µA
VIH = +2.7 V
Low
-200
µA
VIL = +0.5 V
Insertion Loss
4.2
6.0
dB
Attenuation
LSB
0.5
dB
Range
0
63.5
dB
0.5, 1, 2, 4, 8, 16, 32
Accuracy
dB
± (0.15 dB +2% of Atten.
Setting in dB) for Values
≥1 dB ± .05 dB +15% of
Atten. - dB for Values <1 dB
VSWR
1.2/1
1.35/1
Impedance
50
OHMS
Switching Speed
5.0
20
µSec
50% Control to 90% / 10% RF
Transition (Rise/Fall) Time
1
µSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
100
mV
RF Power
Operate
+18
+13
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
-55
+25
+125
°CTA
MODEL NO.
DA0285
FEATURES
30 - 500 MHz
30 mA, +5 VDC
0.5 dB LSB, 63.5 dB Range
CMOS Control
See 100C01585 for Connectorized Version
7 BIT
DA ICO
I ndustries
Rev. H / Iss. 1
GUARANTEED PERFORMANCE
PIN Diode 7 Section Attenuator
"0"
"0"
"0"
"0"
"0"
"0"
"1"
GND
GND
C7
C6
C5
C4
C3
C2
C1
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
38
+V
RF
IN/OUT
RF
IN/OUT
32dB
0.5dB 1dB
2dB
4dB
8dB 16dB
16 dB
8 dB
4 dB
2 dB
1 dB
0.5 dB
32 dB
D.C.
••
•
••
•
•
•
•
•
•
•
•
••
•
•
•
•
•
•
••
•
•
••
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
2.00 MAX
COLOR BEAD
CONTRASTING
1.00 MAX
.20
.20
IDENTIFICATION
PART
.800
38
20
19
1
.100 TYP
1.800
38 PLACES
.018 ±.002 DIA
.xx = .02
.xxx = .010
TYPICAL PERFORMANCE
at 25 °C
I. LOSS
VSWR
1.0
1.5
1.1
1.2
1.3
1.4
0
10
2
4
6
8
FREQUENCY (MHz)
10
40
100
400
1000


Similar Part No. - DA0285

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0243 DAICO-DA0243 Datasheet
140Kb / 1P
PIN Diode Linear VCA
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
Faraday Technology
DA02A FARADAY-DA02A Datasheet
88Kb / 2P
SMD VIDEO DELAY LINES
logo
SHENZHEN FUMAN ELECTRON...
DA02A FUMAN-DA02A Datasheet
364Kb / 6P
500mA charger driver IC
logo
MKS Instruments.
DA02A MKS-DA02A Datasheet
261Kb / 4P
TEMPERATURE-CONTROLLED ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH ETHERCAT COMMUNICATIONS
More results

Similar Description - DA0285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
PIN Diode 7 Section Attenuator
100C1595 DAICO-100C1595 Datasheet
163Kb / 1P
PIN Diode 7 Section Attenuator
100C1757 DAICO-100C1757 Datasheet
183Kb / 1P
Schottky Diode 7 Section Attenuator
DA0375 DAICO-DA0375 Datasheet
43Kb / 1P
Schottky Diode 7 Section Attenuator
DA0617 DAICO-DA0617 Datasheet
43Kb / 1P
Schottky Diode 7 Section Attenuator
DA0717 DAICO-DA0717 Datasheet
194Kb / 1P
Schottky Diode 7 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
PIN Diode 7 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
PIN Diode 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com