Electronic Components Datasheet Search
  English  ▼

X  

DA0375 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0375
Description  Schottky Diode 7 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0375 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0375 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
10
150
MHz
DC Current
390
540
mA
At +5 VDC Supply
Control Type
TTL
7 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
25
µA
VIH = +2.7 V
Low
-200
µA
VIL = +0.5 V
Insertion Loss
3.5
dB
45 - 75 MHz (
±0.5 dB)
4.0
dB
10 - 150 MHz
Attenuation
LSB
0.1
dB
Range
0
12.7
dB
0.1, 0.2, 0.4, 0.8, 1.6, 3.2, 6.4
Accuracy
dB
0.1 dB to 0.9 dB:
± (0.05 dB
+15% of Atten. Setting in dB)
1.0 dB to 12.7 dB:
± (0.15 dB
+2% of Atten. Setting in dB)
VSWR
1.15/1
1.35/1
Impedance
50
OHMS
Switching Speed
20
35
nSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
7
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
0.5
V
Peak Value
Intercept Points
2nd
+93
dBm
MHz
3rd
+36
dBm
MHz
RF Power
Operate
+15
+10
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
-55
+25
+85
°CTA
MODEL NO.
DA0375
FEATURES
10 - 150 MHz
20 nSec Switching Speed
3.5 dB Insertion Loss
0.1 dB LSB, 12.7 dB Range
TTL Control
See DA0775 for Surface Mount Version
7 BIT
DA ICO
I ndustries
Rev. D / Iss. 1
GUARANTEED PERFORMANCE
Schottky Diode
7 Section Attenuator
2.00 MAX
COLOR BEAD
CONTRASTING
1.00 MAX
.20
.20
IDENTIFICATION
PART
.800
38
20
19
1
.100 TYP
1.800
38 PLACES
.018
±.002 DIA
.xx = .02
.xxx = .010
"0"
"0"
"0"
"0"
"0"
"0"
"1"
GND
GND
C7
C6
C5
C4
C3
C2
C1
GND
GND
GND
GND
GND
GND
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
15
13
12
11
9
8
7
6
5
4
3
2
1
38
+5V
RF
IN/OUT
RF
IN/OUT
6.4 dB
0.8 dB
0.1 dB
0.4 dB
0.2 dB
1.6 dB
3.2 dB
GND
16
GND
GND
GND
10
GND
14
3.2dB
1.6dB
0.2dB
0.4dB
0.1dB
0.8dB
6.4dB
•
•
•
•
•
•
•
•
••
•
•
•
•
•
•
••
•
•
••
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
TYPICAL PERFORMANCE
at 25
°C
I. LOSS
VSWR
1.0
1.5
1.1
1.2
1.3
1.4
0
5.0
1.0
2.0
3.0
4.0
FREQUENCY (MHz)
10
40
100
400
1000
1.6
6.0


Similar Part No. - DA0375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA03 ETC-DA03 Datasheet
18Kb / 1P
1. All dimensions are in millimeters (inches) 2. Tolerance is 짹0.25mm(0.01") unless otherwise noted.
logo
Kingbright Corporation
DA03-11 KINGBRIGHT-DA03-11 Datasheet
494Kb / 5P
7mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
DA03-11 ETC-DA03-11 Datasheet
18Kb / 1P
1. All dimensions are in millimeters (inches) 2. Tolerance is 짹0.25mm(0.01") unless otherwise noted.
logo
Kingbright Corporation
DA03-11CGKWA KINGBRIGHT-DA03-11CGKWA Datasheet
348Kb / 6P
7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11EWA KINGBRIGHT-DA03-11EWA Datasheet
494Kb / 5P
7mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAYS
More results

Similar Description - DA0375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
PIN Diode 7 Section Attenuator
100C1595 DAICO-100C1595 Datasheet
163Kb / 1P
PIN Diode 7 Section Attenuator
100C1757 DAICO-100C1757 Datasheet
183Kb / 1P
Schottky Diode 7 Section Attenuator
DA0617 DAICO-DA0617 Datasheet
43Kb / 1P
Schottky Diode 7 Section Attenuator
DA0717 DAICO-DA0717 Datasheet
194Kb / 1P
Schottky Diode 7 Section Attenuator
DA0775 DAICO-DA0775 Datasheet
187Kb / 1P
Schottky Diode 7 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
PIN Diode 7 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
PIN Diode 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com