Electronic Components Datasheet Search
  English  ▼

X  

DA0660 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0660
Description  PIN Diode 5 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0660 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0660 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
MODEL NUMBER
DA0660
FEATURES
• 100 - 1000 MHz
• 12 mA, +5 VDC
• TTL Control
• 24 Pin DIP
• 1 dB LSB, 31 dB Range
(for 2 db LSB, 62 dB Range,
Order DA0661)
5 BIT
196
PIN Diode 5 Section Attenuator
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DA0660

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0617 DAICO-DA0617 Datasheet
43Kb / 1P
Schottky Diode 7 Section Attenuator
DA0620 DAICO-DA0620 Datasheet
160Kb / 1P
Attenuator 5 Section
DA0645 DAICO-DA0645 Datasheet
157Kb / 1P
PIN Diode VCA
DA0659 DAICO-DA0659 Datasheet
38Kb / 1P
PIN DIODE 5 SECTION ATTENUATOR
logo
Delta Electronics, Inc.
DA06D0303A DELTA-DA06D0303A Datasheet
232Kb / 4P
1W DC/DC CONVERTER, DIP-Package, High Isolation
More results

Similar Description - DA0660

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
DA0659 DAICO-DA0659 Datasheet
38Kb / 1P
PIN DIODE 5 SECTION ATTENUATOR
CDA0666 DAICO-CDA0666 Datasheet
38Kb / 1P
PIN Diode 5 Section Attenuator
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
PIN Diode 5 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
PIN Diode 7 Section Attenuator
DA0844 DAICO-DA0844 Datasheet
40Kb / 1P
PIN Diode 6 Section Attenuator
DAO879 DAICO-DAO879 Datasheet
143Kb / 1P
PIN Diode 1 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
PIN Diode 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com