Electronic Components Datasheet Search
  English  ▼

X  

DA0735 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0735
Description  PIN Diode Linear VCA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0735 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0735 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
235
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
DA0735
FEATURES
• 20-300 MHz
• 20 dB Linear Range Typical
• +_0.8 dB Linearity
• +47 dBm 3rd Order Intercept
• 0.8 dB Insertion Loss
• See DA0035 For 14 Pin DIP Version
• See 100C0911 For Connectorized
Version
VCA
PIN Diode Linear VCA


Similar Part No. - DA0735

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0717 DAICO-DA0717 Datasheet
194Kb / 1P
Schottky Diode 7 Section Attenuator
DA0757 DAICO-DA0757 Datasheet
29Kb / 1P
GAAS 5 SECTION ATTENUATOR
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
PIN Diode 5 Section Attenuator
DA0775 DAICO-DA0775 Datasheet
187Kb / 1P
Schottky Diode 7 Section Attenuator
More results

Similar Description - DA0735

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0035 ETC1-DA0035 Datasheet
24Kb / 1P
PIN DIODE LINEAR VCA
logo
DAICO Industries, Inc.
100C0911 DAICO-100C0911 Datasheet
130Kb / 1P
PIN Diode Linear VCA
100C0912 DAICO-100C0912 Datasheet
132Kb / 1P
PIN Diode Linear VCA
100C1521 DAICO-100C1521 Datasheet
122Kb / 1P
PIN Diode Linear VCA
100C1575 DAICO-100C1575 Datasheet
150Kb / 1P
Phase Compensated Linear PIN Diode VCA
100C1818 DAICO-100C1818 Datasheet
169Kb / 1P
Phase Compensated Linear PIN Diode VCA
DA0098 DAICO-DA0098 Datasheet
132Kb / 1P
PIN Diode Linear VCA
DA0243 DAICO-DA0243 Datasheet
140Kb / 1P
PIN Diode Linear VCA
DA0425 DAICO-DA0425 Datasheet
143Kb / 1P
PIN Diode Linear VCA
DA0998 DAICO-DA0998 Datasheet
148Kb / 1P
PIN Diode VCA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com