Electronic Components Datasheet Search
  English  ▼

X  

DA0786 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0786
Description  GaAs 6 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0786 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0786 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DA0786
FEATURES
10 - 1000 MHz
1 mA, +5 VDC
1 dB LSB, 63 dB Range
34 nSec Switching Speed
15 nSec Transition Time
TTL Control
24 Pin Surface Mount Version
See DA0886 for 24 Pin DIP Version
6 BIT
DA ICO
I ndustries
Rev. A / Iss. 1
GaAs 6 Section Attenuator
.xx = .02
.xxx = .010
.100 TYP
(FLANGE)
(LEAD)
.053 R
TYP
112
13
24
COLOR BEAD
CONTRASTING
PART
IDENTIFICATION
.20
.015 TYP
.010
±.002
TYP
.015
±.002
TYP
.040
TYP
.60 TYP
.375 TYP
.77
1.100
.100 TYP
1.36
1.560
••
••
••
••
••
••
•
•
•
•
•
•
••
•
••
••
•
•
•
••
"0"
16DB
+5V
GND
32DB
1DB
2DB
4DB
8DB
GND
GND GND GND
"1"
"0"
"0"
"0"
"0"
OUT/IN
RF
RF
IN/OUT GND
GND
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
CONT1
CONT2
CONT3
CONT4
CONT5
CONT6
16 DB
32 DB
1 DB
2 DB
4 DB
8 DB
N/C = NO INTERNAL CONNECTION
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
10
1000
MHz
DC Current
15
mA
At +5 VDC Supply
Control Type
TTL
6 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
0
±40 µA
VIH = +3.0 V
Low
0
±40 µA
VIL = +0.5 V
Insertion Loss
4.2
5.5
dB
10 - 100 MHz
6.3
7.5
dB
100 - 1000 MHz
Attenuation
LSB
1dB
Range
063dB
1, 2, 4, 8, 16, 32
Accuracy
dB
± (0.25 dB +2% of Atten.
Setting in dB)
VSWR
1.2/1
1.4/1
Impedance
50
OHMS
Switching Speed
34
50
nSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
15
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
280
mV
Peak Value
Intercept Points
2nd
+64
dBm
70 MHz / 50 MHz
3rd
+44
dBm
35 MHz / 50 MHz
RF Power
Operate
+12
+10
dBm
0.1 dB Compression
No Damage
+27
dBm
Operating Temperature
-55
+25
+125
°CTA
GUARANTEED PERFORMANCE
TYPICAL PERFORMANCE
at 25
°C
3000
1000
400
100
40
10
4
1
8
1.8
2
4
6
1.6
1.4
1.2
1.0
0
FREQUENCY (MHz)
VSWR
I. LOSS


Similar Part No. - DA0786

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0784-1 DAICO-DA0784-1 Datasheet
177Kb / 1P
GaAs 4 Section Attenuator
More results

Similar Description - DA0786

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT15066 DAICO-CAT15066 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
CAT65280 DAICO-CAT65280 Datasheet
57Kb / 1P
GaAs 6 Section Attenuator
DA0886 DAICO-DA0886 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
DA0923-10 DAICO-DA0923-10 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
DA0996 DAICO-DA0996 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
DAT61996 DAICO-DAT61996 Datasheet
171Kb / 1P
GaAs 6 Section Attenuator
DAT69051 DAICO-DAT69051 Datasheet
35Kb / 1P
GaAs 6 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com