Electronic Components Datasheet Search
  English  ▼

X  

DA0795 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0795
Description  PIN Diode 7 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0795 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0795 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DA0795
FEATURES
• 30-500 MHz
• 0.5 dB LSB, 63.5 dB Range
• TTL Control
• 38 Pin Surface Mount Package
• See DA0295 for 38 Pin DIP Version
• See 100C1595 for Connectorized
Version
PIN Diode 7 Section Attenuator
D AICO Industr ies
7 BIT
214
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DA0795

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0717 DAICO-DA0717 Datasheet
194Kb / 1P
Schottky Diode 7 Section Attenuator
DA0735 DAICO-DA0735 Datasheet
138Kb / 1P
PIN Diode Linear VCA
DA0757 DAICO-DA0757 Datasheet
29Kb / 1P
GAAS 5 SECTION ATTENUATOR
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
PIN Diode 5 Section Attenuator
More results

Similar Description - DA0795

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
PIN Diode 7 Section Attenuator
100C1595 DAICO-100C1595 Datasheet
163Kb / 1P
PIN Diode 7 Section Attenuator
100C1757 DAICO-100C1757 Datasheet
183Kb / 1P
Schottky Diode 7 Section Attenuator
DA0285 DAICO-DA0285 Datasheet
49Kb / 1P
PIN Diode 7 Section Attenuator
DA0375 DAICO-DA0375 Datasheet
43Kb / 1P
Schottky Diode 7 Section Attenuator
DA0617 DAICO-DA0617 Datasheet
43Kb / 1P
Schottky Diode 7 Section Attenuator
DA0717 DAICO-DA0717 Datasheet
194Kb / 1P
Schottky Diode 7 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
PIN Diode 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com