Electronic Components Datasheet Search
  English  ▼

X  

DA0844 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0844
Description  PIN Diode 6 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0844 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0844 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DA0844
FEATURES
100 - 200 MHz
50 mA, +5 VDC
1 dB LSB, 63 dB Range
TTL Control
38 Pin DIP
6 BIT
D A ICO
I ndustries
Rev. A / Iss. 1
TYPICAL PERFORMANCE
at 25
°C
I. LOSS
VSWR
1.0
1.5
1.1
1.2
1.3
1.4
0
10
2
4
6
8
FREQUENCY (MHz)
10
40
100
400
1000
PIN Diode 6 Section Attenuator
.xx = .02
.xxx = .010
COLOR BEAD
CONTRASTING
1.800
.100 TYP
119
20
38
.800
1.00 MAX
PART
IDENTIFICATION
.20
2.00 MAX
.20
.018
±.002 DIA
38 PLACES
"0"
CONT6
16DB
+5V
GND
32DB 1DB
2DB 4DB 8DB
CONT1 CONT2
CONT3 CONT4 CONT5
GND
"1"
"0"
"0"
"0"
"0"
OUT/IN
RF
RF
IN/OUT
GND
GND
38
37 36 35
21
20
15
12
10
9
8
6
5
3
2
1
34 33 32 31 30 29 28 27 26 25 24 23 22
19
18
17
16
14
13
47
GND
11
GND
16 DB
32 DB
1 DB
2 DB
4 DB
8 DB
••
••
••
••
••
••
••
•
•
•
•
•
•
•• • • • • • • • • • • • • •
•
•
•
••
•
•
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
100
200
MHz
DC Current
50
85
mA
At +5 VDC Supply
Control Type
TTL
6 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
40
µA
VIH = +2.7 V
Low
-400
µA
VIL = +0.5 V
Insertion Loss
2.5
7.0
dB
Attenuation
LSB
1dB
Range
0
63
dB
1, 2, 4, 8, 16, 32
Accuracy
dB
± (0.25 dB +2% of Atten.
Setting in dB)
VSWR
1.25/1
1.4/1
Impedance
50
OHMS
Switching Speed
10
50
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
5
µSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
100
mV
Peak Value
RF Power
Operate
+18
+13
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
-40
+25
+85
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - DA0844

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
DA084 STEGO-DA084 Datasheet
1Mb / 1P
PRESSURE COMPENSATION DEVICE
05.04.2023
More results

Similar Description - DA0844

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
DA0659 DAICO-DA0659 Datasheet
38Kb / 1P
PIN DIODE 5 SECTION ATTENUATOR
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
PIN Diode 7 Section Attenuator
CDA0666 DAICO-CDA0666 Datasheet
38Kb / 1P
PIN Diode 5 Section Attenuator
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
PIN Diode 5 Section Attenuator
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
PIN Diode 5 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
PIN Diode 7 Section Attenuator
DAO879 DAICO-DAO879 Datasheet
143Kb / 1P
PIN Diode 1 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
PIN Diode 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com