Electronic Components Datasheet Search
  English  ▼

X  

DA0885 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0885
Description  GaAs 5 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0885 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0885 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DA0885
FEATURES
• 10 - 1000 MHz
• 1 mA, +5 VDC
• 1 dB LSB, 31 dB Range
• 38 nSec Switching Speed
• 12 nSec Transition Time
• TTL Control
• 24 Pin DIP
GaAs 5 Section Attenuator
5 BIT
D AICO Industr ies
197
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DA0885

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0886 DAICO-DA0886 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
DA0887 DAICO-DA0887 Datasheet
193Kb / 1P
GaAs 7 Section Attenuator
More results

Similar Description - DA0885

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0757 DAICO-DA0757 Datasheet
29Kb / 1P
GAAS 5 SECTION ATTENUATOR
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0857 DAICO-DA0857 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
DA0953 DAICO-DA0953 Datasheet
32Kb / 1P
GaAs 5 Section Attenuator
DAT51995 DAICO-DAT51995 Datasheet
170Kb / 1P
GaAs 5 Section Attenuator
DAT56195 DAICO-DAT56195 Datasheet
191Kb / 1P
GaAs 5 Section Attenuator
DAT58019 DAICO-DAT58019 Datasheet
158Kb / 1P
GaAs 5 Section Attenuator
DAT58032 DAICO-DAT58032 Datasheet
162Kb / 1P
GaAs 5 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com