Electronic Components Datasheet Search
  English  ▼

X  

MA147 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA147
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA147 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA147 Datasheet HTML 1Page - Panasonic Semiconductor MA147 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diodes
1
MA3J147
Silicon epitaxial planar type
For high-speed switching circuits
I Features
• Small S-mini type package contained two elements, allowing high-
density mounting
• Two diodes are connected in series in the package
I Absolute Maximum Ratings T
a = 25°C
1 : Anode 1
2 : Cathode 2
3 : Cathode 1
Anode 2
Flat S-Mini Type Package (3-pin)
Unit : mm
Internal Connection
Marking Symbol: MS
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
80
V
Peak reverse voltage
VRM
80
V
Forward current
Single
IF
100
mA
(DC)
Series
65
Peak forward
Single
IFM
225
mA
current
Series
145
Non-repetitive peak
Single
IFSM
500
mA
forward surge current*
Series
325
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) * : t = 1 s
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 75 V
100
nA
Forward voltage (DC)
VF
IF = 100 mA
1.2
V
Reverse voltage (DC)
VR
IR = 100 µA80
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
2
pF
Reverse recovery time*
trr
IF = 10 mA, VR = 6 V
3
ns
Irr = 0.1 · IR, RL = 100
Ω
I Electrical Characteristics T
a = 25
°C
Note) 1. Rated input/output frequency: 100 MHz
2. * : trr measuring circuit
1
3
2
1.25
± 0.1
0.425
0.425
2.1
± 0.1
1
2
3
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA147

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
MA147 WINNERJOIN-MA147 Datasheet
62Kb / 1P
SWITHING DIODE
MA147 WINNERJOIN-MA147_15 Datasheet
62Kb / 1P
SWITHING DIODE
More results

Similar Description - MA147

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com