Electronic Components Datasheet Search
  English  ▼

X  

DA0953 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0953
Description  GaAs 5 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0953 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0953 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DA0953
FEATURES
DC - 500 MHz
1.7 dB Insertion Loss
38 mV Transients
+18 dBm 0.1 dB Compression at 1 MHz
TTL Control
24 Pin DIP
See DAT58032 for 24 Pin Flatpack
5 BIT
DA ICO
I ndustries
Rev. C / Iss. 1
GaAs 5 Section Attenuator
COLOR BEAD
CONTRASTING
.600
.100 TYP
.018
±.002 DIA
24 PLACES
PART IDENTIFICATION
.20
1
12
13
24
.20
.77
1.100
1.27
.xx = .02
.xxx = .010
TYPICAL PERFORMANCE
at 25
°C
1
4
10
40
100
400
1000
0
2.5
1.0
2.0
0.5
1.0
1.5
2.0
1.2
1.4
1.8
FREQUENCY (MHz)
1.6
VSWR
I. LOSS
••
••
••
••
••
••
•
•••••••
•
••
•
•
•
N/C = NO INTERNAL CONNECTION
"1"
16DB
+5V
GND
1DB
2DB
4DB
8DB
GND
GND GND
-15V
"0"
"0"
"0"
"0"
IN/OUT
RF
RF
IN/OUT GND GND GND GND GND GND GND GND GND GND
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
N/C
16 DB
1 DB
2 DB
4 DB
8 DB
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
500
MHz
DC Current
15
30
mA
At +5 VDC Supply
12
25
mA
At -15 VDC Supply
Control Type
TTL
5 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
0
±40 µA
VIH = +2.7 V
Low
0
±40 µA
VIL = +0.5 V
Insertion Loss
1.2
2.0
dB
DC - 100 MHz
1.7
3.0
dB
100 - 500 MHz
Insertion Flatness
±0.02
±0.2 dB
5 - 15 MHz
±0.15
±0.5 dB
0.1 - 60 MHz
Attenuation
LSB
1dB
Range
031
dB
1, 2, 4, 8, 16
Accuracy
dB
± (0.25 dB ± 2% of Atten.
Setting in dB)
VSWR
1.1/1
1.3/1
DC - 100 MHz
1.4/1
1.6/1
100 - 500 MHz
Impedance
50
OHMS
Switching Speed
100
200
nSec
50% TTL - 90% / 10% RF
Transition (Rise/Fall) Time
40
nSec
90% / 10% - 10% / 90% RF
Switching (Video) Transients
38
60
mV
Peak Value
Intercept Points
2nd
+76
dBm
70 MHz / 50 MHz
3rd
+30
+45
dBm
35 MHz / 50 MHz
RF Power
Operate
+18
+13
dBm
0.1 dB Compression
No Damage
+23
dBm
Operating Temperature
-55
+25
+125
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - DA0953

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0956 DAICO-DA0956 Datasheet
40Kb / 1P
Schottky Diode 6 Section Attenuator
More results

Similar Description - DA0953

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0757 DAICO-DA0757 Datasheet
29Kb / 1P
GAAS 5 SECTION ATTENUATOR
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0857 DAICO-DA0857 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
DA0885 DAICO-DA0885 Datasheet
169Kb / 1P
GaAs 5 Section Attenuator
DAT51995 DAICO-DAT51995 Datasheet
170Kb / 1P
GaAs 5 Section Attenuator
DAT56195 DAICO-DAT56195 Datasheet
191Kb / 1P
GaAs 5 Section Attenuator
DAT58019 DAICO-DAT58019 Datasheet
158Kb / 1P
GaAs 5 Section Attenuator
DAT58032 DAICO-DAT58032 Datasheet
162Kb / 1P
GaAs 5 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com