Electronic Components Datasheet Search
  English  ▼

X  

DA0998 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0998
Description  PIN Diode VCA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0998 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0998 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
237
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
DA0998
FEATURES
• 20-700 MHz
• 52 dB Linear Range
• +_2 dB Linearity
• 3 dB Insertion Loss
• 14 Pin Flat Pack
• See DA0098 For 14 Pin DIP Version
VCA
PIN Diode VCA


Similar Part No. - DA0998

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0996 DAICO-DA0996 Datasheet
41Kb / 1P
GaAs 6 Section Attenuator
More results

Similar Description - DA0998

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0035 ETC1-DA0035 Datasheet
24Kb / 1P
PIN DIODE LINEAR VCA
logo
DAICO Industries, Inc.
100C0911 DAICO-100C0911 Datasheet
130Kb / 1P
PIN Diode Linear VCA
100C0912 DAICO-100C0912 Datasheet
132Kb / 1P
PIN Diode Linear VCA
100C1521 DAICO-100C1521 Datasheet
122Kb / 1P
PIN Diode Linear VCA
CATV8068 DAICO-CATV8068 Datasheet
85Kb / 1P
PIN Diode VCA
DA0098 DAICO-DA0098 Datasheet
132Kb / 1P
PIN Diode Linear VCA
DA0425 DAICO-DA0425 Datasheet
143Kb / 1P
PIN Diode Linear VCA
DA0645 DAICO-DA0645 Datasheet
157Kb / 1P
PIN Diode VCA
DA0735 DAICO-DA0735 Datasheet
138Kb / 1P
PIN Diode Linear VCA
DA0930 DAICO-DA0930 Datasheet
174Kb / 1P
PIN Diode VCA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com