Electronic Components Datasheet Search
  English  ▼

X  

DAD02006 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAD02006
Description  Analog Level Detector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAD02006 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAD02006 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DAD02006
FEATURES
• 500-2000 MHz
• +_0.4 dB Temperature Stability
• 185 mV Output Voltage
@ Pin=-10 dBm
• +_1 dB Input Flatness
• Broad Temperature Range
• 5 Pin TO-8 Package
• -20 to +10 dBm Dynamic Range
Analog Level Detector
TD
D AICO Industr ies
273
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DAD02006

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAD05079 DAICO-DAD05079 Datasheet
141Kb / 1P
Analog Detector
logo
Dorji Industrial Group ...
DAD06 DORJI-DAD06 Datasheet
533Kb / 9P
SX1262 testing board for Arduino UNO and ST Nucleo--L053R8
logo
DAICO Industries, Inc.
DAD08059 DAICO-DAD08059 Datasheet
22Kb / 1P
L-Band / UHF Hybrid
More results

Similar Description - DAD02006

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1507 NTE-NTE1507 Datasheet
23Kb / 3P
Integrated Circuit 10-Step Adjustable Analog Level Detector
logo
Texas Instruments
TL490C TI-TL490C Datasheet
240Kb / 4P
10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL489C TI-TL489C Datasheet
205Kb / 4P
5-STEP ANALOG LEVEL DETECTOR
logo
Spectrum Microwave, Inc...
LNJ9901 SPECTRUM-LNJ9901 Datasheet
174Kb / 1P
Analog Level Detector
TMJ9910 SPECTRUM-TMJ9910 Datasheet
232Kb / 1P
Analog Level Detector
logo
API Technologies Corp
TMJ9911 APITECH-TMJ9911 Datasheet
41Kb / 1P
ANALOG LEVEL DETECTOR
TMJ9910 APITECH-TMJ9910 Datasheet
51Kb / 1P
ANALOG LEVEL DETECTOR
LNJ9901 APITECH-LNJ9901 Datasheet
40Kb / 1P
ANALOG LEVEL DETECTOR
logo
Teledyne Technologies I...
PSD200125 TELEDYNE-PSD200125 Datasheet
116Kb / 4P
Surface Mount Analog Level Detector
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
Surface Mount Analog Level Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com