Electronic Components Datasheet Search
  English  ▼

X  

DAT15015 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAT15015
Description  GaAs 1 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAT15015 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAT15015 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DAT15015
FEATURES
• 20-700 MHz
• 0.4 mA, +5 VDC
• 22nSec Switching Speed
• 10 nSec Rise Time
• 10, 20, or 30 dB Steps
• TTL Driver
GaAs 1 Section Attenuator
1 BIT
D AICO Industr ies
185
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DAT15015

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAT15073 DAICO-DAT15073 Datasheet
170Kb / 1P
Attenuator 1 Section
More results

Similar Description - DAT15015

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0757 DAICO-DA0757 Datasheet
29Kb / 1P
GAAS 5 SECTION ATTENUATOR
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
CAT65280 DAICO-CAT65280 Datasheet
57Kb / 1P
GaAs 6 Section Attenuator
DA0923-10 DAICO-DA0923-10 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
DA0953 DAICO-DA0953 Datasheet
32Kb / 1P
GaAs 5 Section Attenuator
DAO816 DAICO-DAO816 Datasheet
157Kb / 1P
GaAs 1 Section Attenuator
DAO944-10 DAICO-DAO944-10 Datasheet
143Kb / 1P
GaAs 1 Section Attenuator
DAT61996 DAICO-DAT61996 Datasheet
171Kb / 1P
GaAs 6 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com