Electronic Components Datasheet Search
  English  ▼

X  

ATLS1A103DEV1.0 Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Laser Driver ATLS1A103D Evaluation Board Rev. 1.0
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS1A103DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
Evaluation Board for ATLS1A103D
ATLS1A103DEV1.0
The schematic is shown in Figure 7 below.
VPS 12
PGND 11
LDC 10
LDA 9
TMP O
8
LPGD
7
SDN
1
GND
2
2.5VR
3
LILM
4
LIS
5
LIO
6
U1
ATLS 1A103
1
SDN
1
GND
1
3
W1 22 K
1
3
W2 22 K
1
2.5VR
1
LILM
1
LIS
C1
1u F
LED
Green
1
LPGD
1
TMP O
1
LDA
1
PGND
1
VPS
SDN1
2.5VR
SDN
LILM
LIO
VPS
LDA
TMPO
LP GD
1
LIO
LIS1
LIS
1
2
R1 10 K
1
2
R5 10 0K
R4
25 0
1
2 R2 1M
2.5VR
1
LDC
LDC
1
GND
1
GND
VPS
SDN
2.5VR
LIS
LIO
LILM
1
2
TB 2
1
2
3
4
5
6
7
8
TB 1
TMP O
LP GD
AMMTR +
AMMTR -
LDA
LDC
1
2
3
4
5
6
7
8
TB3
1
LISSET
LISS ET
1
2
R3
10 0
1
Q
MMB T64 28
C2
1u F
VPS
1
2
D1
1
2
D3
1
2
D5
1
2
D2
1
2
D4
LDA
AMMTR +
AMMTR -
1
AMMTR +
1
AMMTR-
1
2 RNP
0
LDC
1
GND
LISS ET
S1 A
S1 B
S1 C
S1 D
S1 E
8
9
S1 G
7
10
S1 H
S1 F
Figure 7. Schematic of ATLS1A103DEV1.0
GETTING STARTED
1. Hook up the power supply. There are 2 solder pads in the
upper center area on the edge for connecting the power
supply voltages. The connection can be done by clipping or
soldering on the pads, or use the screws to lock in 2 wires
through the terminal block TB2, see Figure 1. Usually the
power supply is set to 5V. If the output maximum voltage is
for sure know to be always at low value, such as 2.5V, a
power supply of about having 1V higher voltage than the
maximum output voltage, i.e. 3.5V, can be used. When
using a lower voltage power supply, the power
consumption of the controller will get smaller, thus, the
controller will be working under lower temperature rise.
2. Check the voltage reference. Use a voltmeter to check the
voltage reference pin 2.5VR having an accurate 2.5V.
3. Turn on and off the controller. This can be done by either
turning off the power supply or turning off the shut-down
pin of the controller. To do the latter, turn the switch S1H
to its upper position to turn off the controller, which shorts
circuit the shutdown pin SDNG to the ground, or turn the
switch S1H to its lower position to turn on the controller, at
this time, this pin is pulled high, 4.6V.
4. Monitor the output current by using the LIO pin voltage.
Measuring the voltage of the LIO pin using a voltmeter
(measure between the LIO pin and the ground node) will
allow monitoring the output current. The relationship
between the LIO voltage and the output current is linear:
IOUT = IMAX × LIO/2.5V (A)
where IOUT is the output current in ampere, ILDMAX is the
maximum current of the laser driver in the evaluation board,
LIO stands for the voltage at the LIO pin.
5. Monitoring the output current directly by using an
Ammeter. Comparing with the approach to measure current
by measuring the voltage of LIO pin as described above,
Measuring the output current directly by using an Ammeter
is not recommended when a real laser is connected, because
these potential problems:
A. The Ammeter brings in EMI (Electro-Magnetic
Interference) noise.
B. The Ammeter has voltage drop, which decreases the
maximum output voltage.
C. If the Ammeter is not connected well or there is an
intermittent disconnection at any portion of the
circuit, the real laser may be damaged permanently.
If the user really needs to do it in this way, this is the
procedure to do so:
A. Use the terminal block on the right side, the 3rd and the
4th conductors, insert the Ammeter between AMMTR+
pin and AMMTR
− pin.
B. Turn the switch S1F to its lower off position, thus the
output current goes through the ammeter and can be
measured by reading Ammeter’s value.; when the
switch S1F is placed in the upper on position, the
ampere meter is shorted, thus, it does not measure the



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com