Electronic Components Datasheet Search
  English  ▼

X  

DAT49064 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAT49064
Description  Attenuator 4 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAT49064 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAT49064 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DAT49064
FEATURES
DC - 2500 MHz
10 dB LSB, 70 dB Range
1.6 dB Insertion Loss
TTL Control
SMA Connectors
Ideal for Test Equipment Applications
Available in any Attenuation - Contact Factory
4 BIT
DA ICO
I ndustries
Rev. N/D / Iss. 1
Attenuator 4 Section
•
•
•
•
•
•
•
•
•
•••
••
•
20 dB
RF
20 dB
20 dB
10 dB
20 dB
10 dB
GND
+15V
20 dB
J2
J1
RF
20 dB
0.83
± .03
0.665
2.190
J2
J1
0.08
0.08
PART IDENTIFICATION
SOLDER
TERMINAL
(6 PLACES)
.096 DIA THRU 4 HOLES
.xx = .02
.xxx = .010
2.35
± .03
.68
± .03
20
20
20
10
G +15V
CONNECTOR
SMA FEMALE
(2 PLACES)
500
50
5
1.0
1.2
1.4
1.6
1.8
2.0
2.2
3.0
2.5
2.0
1.5
1.0
0.5
0
4000
1000
100
10
1
FREQUENCY (MHz)
TYPICAL PERFORMANCE
at 25
°C
I. LOSS
VSWR
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
2500
MHz
DC Current
100
130
mA
At +15 VDC Supply at 70 dB
Control Type
TTL
4 Line
Logic “0” = Thru
Logic “1” = Attenuation
Insertion Loss
1.6
2.0
dB
Attenuation
LSB
10
dB
Range
70
dB
10, 20, 20, 20
Accuracy (10 dB)
0.04
±0.1 dB
DC - 2000 MHz
0.2
±0.4 dB
2000 - 2500 MHz
(20 dB)
0.1
±0.2 dB
DC - 1000 MHz
0.2
±0.4 dB
1000 - 2000 MHz
0.2
±0.8 dB
2000 - 2500 MHz
VSWR
1.3/1
1.4/1
Impedance
50
OHMS
Switching Speed
5
mSec
RF Power
Operate
+30
dBm
At +55
°C
No Damage
dBm
Operating Temperature
-55
+25
+85
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - DAT49064

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAT41944 DAICO-DAT41944 Datasheet
164Kb / 1P
GaAs 4 Section Attenuator
DAT41994 DAICO-DAT41994 Datasheet
31Kb / 1P
GaAs 4 Section Attenuator
DAT42182 DAICO-DAT42182 Datasheet
168Kb / 1P
Attenuator 4 Section
DAT48060 DAICO-DAT48060 Datasheet
170Kb / 1P
Attenuator 4 Section
DAT48062 DAICO-DAT48062 Datasheet
170Kb / 1P
Attenuator 4 Section
More results

Similar Description - DAT49064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAT48049 ETC1-CAT48049 Datasheet
30Kb / 1P
GaAs 4 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
DA0784-1 DAICO-DA0784-1 Datasheet
177Kb / 1P
GaAs 4 Section Attenuator
DA0984-1 DAICO-DA0984-1 Datasheet
29Kb / 1P
GaAs 4 Section Attenuator
DAT41944 DAICO-DAT41944 Datasheet
164Kb / 1P
GaAs 4 Section Attenuator
DAT41994 DAICO-DAT41994 Datasheet
31Kb / 1P
GaAs 4 Section Attenuator
DAT42182 DAICO-DAT42182 Datasheet
168Kb / 1P
Attenuator 4 Section
DAT48060 DAICO-DAT48060 Datasheet
170Kb / 1P
Attenuator 4 Section
DAT48062 DAICO-DAT48062 Datasheet
170Kb / 1P
Attenuator 4 Section
CAT48049 DAICO-CAT48049 Datasheet
33Kb / 1P
GaAs 4 Section Attenuator
CAT48053 DAICO-CAT48053 Datasheet
33Kb / 1P
GaAs 4 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com