Electronic Components Datasheet Search
  English  ▼

X  

1692221 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1692221
Description  Ball valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1692221 Datasheet(HTML) 1 Page - Festo Corporation.

  1692221 Datasheet HTML 1Page - Festo Corporation. 1692221 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve
VZBA-3/8"-GGG-63-32T-F0304-V4V4T
Part number: 1692221
Data sheet
Feature
Value
Structural design
3-way ball valve
Drilled T hole
Actuation type
Mechanical
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
Rp3/8
Switching position indication
Slot direction = flow direction
Flange hole pattern
F03
F04
Inside diameter
12.7 mm
Nominal width DN
10
Valve function
3/2
Manual override
None
Flow direction
Reversible
Nominal pressure of fitting PN
63
Actuating torque
13 Nm
Based on norm
EN 10226-1
ISO 5211
Symbol
00991888
Medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Water – no water vapor
Neutral liquids
Other flow media on request
Temperature of medium
-10 °C ... 200 °C
Flow rate Kv type T corner
4.5 m³/h
Flow rate Kv type T straight
8 m³/h
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
High-alloy stainless steel
Material number of housing
1.4408
7/8/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 1692221

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1692220 FESTO-1692220 Datasheet
100Kb / 2P
Ball valve
7/8/22
1692224 FESTO-1692224 Datasheet
100Kb / 2P
Ball valve
7/8/22
1692226 FESTO-1692226 Datasheet
100Kb / 2P
Ball valve
7/8/22
1692227 FESTO-1692227 Datasheet
100Kb / 2P
Ball valve
7/8/22
1692228 FESTO-1692228 Datasheet
101Kb / 2P
Ball valve
7/8/22
More results

Similar Description - 1692221

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153484 FESTO-153484 Datasheet
95Kb / 2P
Ball valve
4/15/22
153487 FESTO-153487 Datasheet
87Kb / 2P
Ball valve
4/15/22
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089045 FESTO-8089045 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089056 FESTO-8089056 Datasheet
87Kb / 2P
Ball valve
6/30/22
8096667 FESTO-8096667 Datasheet
85Kb / 2P
Ball valve
6/30/22
4745221 FESTO-4745221 Datasheet
82Kb / 2P
Ball valve
7/1/22
4745225 FESTO-4745225 Datasheet
82Kb / 2P
Ball valve
7/1/22
4834288 FESTO-4834288 Datasheet
99Kb / 2P
Ball valve
7/1/22
4834293 FESTO-4834293 Datasheet
100Kb / 2P
Ball valve
7/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com