Electronic Components Datasheet Search
  English  ▼

X  

8115397 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8115397
Description  Position transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8115397 Datasheet(HTML) 1 Page - Festo Corporation.

  8115397 Datasheet HTML 1Page - Festo Corporation. 8115397 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Position transmitter
SDAT-MHS-M125-1L-SV-E-0.3-M8
Part number: 8115397
Data sheet
Feature
Value
Design
for T-slot
Symbol
00997376
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
KC characters
KC EMC
Note on materials
RoHS-compliant
Halogen-free
Measured variable
Position
Measuring principle
Magnetic Hall
Sensing range
0 µm ... 125000 µm
Ambient temperature
-25 °C ... 70 °C
Typical sampling interval
1 ms
Max. travel speed
3 m/s
Displacement resolution
0.05 mm
Repetition accuracy
0.1 mm
Switching output
PNP
Switching element function
N/C contact/N/O contact switchable
On time
<2 ms
Switch-off time
<2 ms
Max. switching frequency
1000 Hz
Max. output current
100 mA
Max. switching capacity DC
2.7 W
Voltage drop
2.5 V
Analog output
0 - 10 V
Sensitivity
0.072 V/mm
Typical linearity error in ± mm
±0.25 mm
Min. load resistance of voltage output
20 kOhm
Short-circuit protection
yes
Overload protection
Available
Protocol
I-Port
IO-Link®
IO-Link®, protocol version
Device V 1.1
IO-Link®, profile
Smart sensor profile
7/11/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8115397

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8115394 FESTO-8115394 Datasheet
95Kb / 2P
Position transmitter
7/11/22
8115395 FESTO-8115395 Datasheet
92Kb / 2P
Position transmitter
7/11/22
8115396 FESTO-8115396 Datasheet
92Kb / 2P
Position transmitter
7/11/22
8115398 FESTO-8115398 Datasheet
90Kb / 2P
Position transmitter
7/11/22
More results

Similar Description - 8115397

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
553744 FESTO-553744 Datasheet
80Kb / 1P
Position transmitter
1531265 FESTO-1531265 Datasheet
91Kb / 2P
Position transmitter
1531267 FESTO-1531267 Datasheet
89Kb / 2P
Position transmitter
1531268 FESTO-1531268 Datasheet
90Kb / 2P
Position transmitter
1531269 FESTO-1531269 Datasheet
89Kb / 2P
Position transmitter
8063974 FESTO-8063974 Datasheet
101Kb / 2P
Position transmitter
8063975 FESTO-8063975 Datasheet
94Kb / 2P
Position transmitter
8115394 FESTO-8115394 Datasheet
95Kb / 2P
Position transmitter
7/11/22
8115395 FESTO-8115395 Datasheet
92Kb / 2P
Position transmitter
7/11/22
8115396 FESTO-8115396 Datasheet
92Kb / 2P
Position transmitter
7/11/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com