Electronic Components Datasheet Search
  English  ▼

X  

BAV70 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV70
Description  Small Signal Switching Diode, Dual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV70 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV70 Datasheet HTML 1Page - Vishay Siliconix BAV70 Datasheet HTML 2Page - Vishay Siliconix BAV70 Datasheet HTML 3Page - Vishay Siliconix BAV70 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV70
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 13-Feb-18
1
Document Number: 85546
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode, Dual
DESIGN SUPPORT TOOLS click logo to get started
MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes / options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• Silicon epitaxial planar diode
• Fast
switching
dual
diode
with
common
cathode
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Device on fiberglass substrate
Note
(1) Device on fiberglass substrate
18108
12
3
Available
Models
PARTS TABLE
PART
ORDERING CODE
CIRCUIT CONFIGURATION
TYPE MARKING
REMARKS
BAV70
BAV70-E3-08 or BAV70-E3-18
Common cathode
JJ
Tape and reel
BAV70-HE3-08 or BAV70-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Peak reverse voltage
VRRM
70
V
Reverse voltage
VR
70
V
Forward current (continuous)
IF
250
mA
Non repetitive peak forward current
tp = 1 μs
IFSM
2A
tp = 1 ms
IFSM
1A
tp = 1 s
IFSM
0.5
A
Power dissipation (1)
Ptot
350
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
430
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating temperature range
Top
-55 to +150
°C


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
Small Signal Switching Diode, Dual
09-Mar-06
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
Small Signal Switching Diode, Dual
12-Aug-10
BAV99-V VISHAY-BAV99-V_12 Datasheet
102Kb / 4P
Small Signal Switching Diode, Dual
12-Aug-10
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
Small Signal Switching Diode, Dual
09-Jul-04
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
Small Signal Switching Diode, Dual
17-May-13
BAV70-G VISHAY-BAV70-G Datasheet
91Kb / 4P
Small Signal Switching Diode, Dual
16-May-13
MMBD7000 VISHAY-MMBD7000 Datasheet
77Kb / 3P
Small Signal Switching Diode, Dual
15-May-13
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
Small Signal Switching Diode, Dual
13-Feb-18
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
Small Signal Switching Diode, Dual
13-Feb-18
BAV23C-G VISHAY-BAV23C-G_V01 Datasheet
110Kb / 5P
Small Signal Switching Diode, Dual
13-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com